Part Name
         Description
TSL1401CS-LF

 128 × 1 LINEAR SENSOR ARRAY WITH HOLD ( 18 Page)


TAOS
100% 
Zoom Out Zoom In
 6 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 3
PHOTODIODE SPECTRAL RESPONSIVITY
λ − Wavelength − nm
400
500
600
700
800
900 1000 1100
300
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Figure 4
IDLE SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−40
−15
10
35
60
85
VDD = 5 V
Figure 5
AVERAGE ANALOG OUTPUT VOLTAGE, WHITE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
−40
−15
10
35
60
85
tint = 5 ms
tint = 10 ms
tint = 2.5 ms
tint = 1 ms
tint = 0.5 ms
Figure 6
AVERAGE ANALOG OUTPUT VOLTAGE, DARK
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.02
0.04
0.06
0.08
0.10
0.12
−40
−15
10
35
60
85
tint = 5 ms
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSL202R128 x 1 LINEAR SENSOR ARRAY 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
ACS704ELC-005_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
XRD982414-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
TSL201R-LF64 x 1 LINEAR SENSOR ARRAY 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
ACS704ELC-015_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
XRD982616-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
TSL208R512 x 1 LINEAR SENSOR ARRAY 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
ACS706ELC-05CBidirectional 1.5 Hall Effect Based Linear Current Sensor with Voltage Isolation and 15 A Dynamic Range 1 2 3 4 5 MoreAllegro MicroSystems
TSL210640 × 1 LINEAR SENSOR ARRAY 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl