Part Name
         Description
TSL1402R

 256 × 1 LINEAR SENSOR ARRAY WITH HOLD ( 14 Page)


TAOS
100% 
Zoom Out Zoom In
 6 page
background image
TSL1402R
256 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS041F − APRIL 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Dynamic Characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figures 7 and 8)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts
Analog output settling time to ± 1%
RL = 330 Ω, CL = 10 pF
120
ns
tpd(SO) Propagation delay time, SO1, SO2
50
ns
TYPICAL CHARACTERISTICS
18 Clock Cycles
257 Clock Cycles
CLK
SI
AO
Internal
Reset
Integration
Hi-Z
Hi-Z
Not Integrating
Integrating
tint
tqt
Figure 1. Timing Waveforms (Serial Connection)
50%
AO
SI
CLK
Pixel 128 (256)
ts
0 V
0 V
5 V
th(SI)
5 V
tsu(SI)
tw
1 (129)
2
128
129 (257)
Pixel 1 (129)
tpd(SO)
tpd(SO)
SO
Figure 2. Operational Waveforms (each section)
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSL1401CS-LF128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1401R-LF128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL208R512 x 1 LINEAR SENSOR ARRAY 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
ACS704ELC-005_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
XRD982414-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
TSL210640 × 1 LINEAR SENSOR ARRAY 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
ACS704ELC-015_06Fully Integrated Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
XRD982616-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
ACS706ELC-05CBidirectional 1.5 Hall Effect Based Linear Current Sensor with Voltage Isolation and 15 A Dynamic Range 1 2 3 4 5 MoreAllegro MicroSystems
ACS706ELC-20ABidirectional 1.5 Hall Effect Based Linear Current Sensor with Voltage Isolation and 20 A Dynamic Range 1 2 3 4 5 MoreAllegro MicroSystems

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl