|
| TSL1412S |
|
||
|
TAOS |
|
6 page
TSL1412S 1536 × 1 LINEAR SENSOR ARRAY WITH HOLD TAOS045F − APRIL 2007 6 r r Copyright E 2007, TAOS Inc. The LUMENOLOGY r Company www.taosinc.com TYPICAL CHARACTERISTICS Figure 3 PHOTODIODE SPECTRAL RESPONSIVITY λ − Wavelength − nm 400 500 600 700 800 900 1000 1100 300 0 0.2 0.4 0.6 0.8 1 TA = 25°C Figure 4 NORMALIZED IDLE SUPPLY CURRENT vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 010 30 40 70 60 0 0.5 1 1.5 2 20 50 Figure 5 WHITE OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 0 0.5 1 1.5 2 010 30 40 70 60 20 50 VDD = 5 V tint = 0.5 ms to 15 ms Figure 6 DARK OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 0.06 0.08 0.10 010 30 40 70 60 20 50 VDD = 5 V tint = 15 ms tint = 5 ms tint = 2.5 ms tint = 0.5 ms tint = 1 ms 0.07 0.09 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TSL1401CS-LF | 128 × 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL1401R-LF | 128 × 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL1402R | 256 × 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL1406R | 768 × 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL1410R | 1280 × 1 LINEAR SENSOR ARRAY WITH HOLD | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL201R-LF | 64 x 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL202R | 128 x 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL208R | 512 x 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
| TSL210 | 640 × 1 LINEAR SENSOR ARRAY | 1 2 3 4 5 More | TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |