Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5430 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430
Description  1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5430 Datasheet(HTML) 5 Page - Texas Instruments

  TPS5430 Datasheet HTML 1Page - Texas Instruments TPS5430 Datasheet HTML 2Page - Texas Instruments TPS5430 Datasheet HTML 3Page - Texas Instruments TPS5430 Datasheet HTML 4Page - Texas Instruments TPS5430 Datasheet HTML 5Page - Texas Instruments TPS5430 Datasheet HTML 6Page - Texas Instruments TPS5430 Datasheet HTML 7Page - Texas Instruments TPS5430 Datasheet HTML 8Page - Texas Instruments TPS5430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
PIN ASSIGNMENTS
PGND
AGND
Exposed
ThermalPad
(Pin25)
NC
VSNS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
PGND
RT
NC
PH
PH
SYNC
TPS54377
SLVS779 – SEPTEMBER 2007
RHF PACKAGE
(BOTTOM VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
COMP
1
Error amplifier output. Connect compensation network from COMP to VSENSE.
Power good open drain output. High when VSENSE
≥ 90% Vref, otherwise PWRGD is low. Note that output is low
PWRGD
2
when SS/ENA is low or internal shutdown signal active.
Bootstrap input. 0.022-
μF to 0.1-μF low-ESR capacitor connected from BOOT to PH generates floating drive for the
BOOT
3
high-side FET driver.
PH
4-9
Phase input/output. Junction of the internal high and low-side power MOSFETs, and output inductor.
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper
PGND
11-14
areas to the input and output supply returns, and negative terminals of the input and output capacitors.
Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to
VIN
15-17
device package with a high quality, low ESR 1-
μF to 10-μF ceramic capacitor.
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a
VBIAS
18
high quality, low ESR 0.1-
μF to 1.0-μF ceramic capacitor.
Slow-start/enable input/output. Dual function pin which provides logic input to enable/disable device operation and
SS/ENA
19
capacitor input to externally set the start-up time.
Synchronization input. Dual function pin which provides logic input to synchronize to an external oscillator or pin
SYNC
20
select between two internally set switching frequencies. When used to synchronize to an external signal, a resistor
must be connected to the RT pin.
RT
22
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, RT resistor
AGND
23, 25
and SYNC pin. Make PowerPAD connection to AGND.
VSNS
24
Error amplifier inverting input.
NC
10, 21
Not connected internally.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54377


Similar Part No. - TPS5430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5430 TI-TPS5430 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430 TI1-TPS5430 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54377 TI-TPS54377_15 Datasheet
824Kb / 23P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com