Part Name
         Description
TSL3301-LF

 102 × 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER ( 16 Page)


TAOS
100% 
Zoom Out Zoom In
 
 1 page
background image
TSL3301−LF
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS0078C − APRIL 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D 102 × 1 Sensor Element Organization
D 300 Dots-per-Inch Pixel Pitch
D High Sensitivity
D On-Chip 8-Bit Analog-to-Digital Conversion
D Three-Zone Programmable Offset (Dark Level) and Gain
D High Speed Serial Interface
D 1 MHz Pixel Rate
D Single 3-V to 5.5-V Supply
D Replacement for TSL3301
D RoHS Compliant
Description
The TSL3301−LF is a high-sensitivity 300-dpi, linear optical sensor array with integrated 8-bit analog-to-digital
converters. The array consists of 102 pixels, each measuring 85 μm (H) by 77 μm (W) and spaced on 85 μm
centers. Associated with each pixel is a charge integrator/amplifier and sample-hold circuit. All pixels have
concurrent integration periods and sampling times. The array is split into three 34-pixel zones, with each zone
having programmable gain and offset levels. Data communication is accomplished through a three-wire serial
interface.
Intended for use in high performance, cost-sensitive scanner applications, the TSL3301−LF is based on a linear
sensor array die that has expanded capability, including multi-die addressing and cascade options. Please
contact TAOS for additional information on die and multi-die package availability.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
NC − No internal connection
8 NC
7 GND
6 GND
5 NC
DIP PACKAGE
(TOP VIEW)
SCLK 1
VDD 2
SDIN 3
SDOUT 4
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSL1401R-LF128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1402R256 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1406R768 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1410R1280 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1412S1536 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TSL1401CS-LF128 × 1 LINEAR SENSOR ARRAY WITH HOLD 1 2 3 4 5 MoreTEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
ACS712Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
ACS713Fully Integrated Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor 1 2 3 4 5 MoreAllegro MicroSystems
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl