Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534ADRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SA5534ADRG4
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5534ADRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SA5534ADRG4 Datasheet HTML 1Page - Texas Instruments SA5534ADRG4 Datasheet HTML 2Page - Texas Instruments SA5534ADRG4 Datasheet HTML 3Page - Texas Instruments SA5534ADRG4 Datasheet HTML 4Page - Texas Instruments SA5534ADRG4 Datasheet HTML 5Page - Texas Instruments SA5534ADRG4 Datasheet HTML 6Page - Texas Instruments SA5534ADRG4 Datasheet HTML 7Page - Texas Instruments SA5534ADRG4 Datasheet HTML 8Page - Texas Instruments SA5534ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
TA = 25°C
0.5
4
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
TA = Full range
5
mV
IIO
Input offset current
VO = 0
TA = 25°C
20
300
nA
IIO
Input offset current
VO = 0
TA = Full range
400
nA
IIB
Input bias current
VO = 0
TA = 25°C
500
1500
nA
IIB
Input bias current
VO = 0
TA = Full range
2000
nA
VICR
Common-mode input voltage range
±12
±13
V
VO(PP) Maximum peak-to-peak output voltage swing
RL ≥ 600 Ω
VCC± = ±15 V
24
26
V
VO(PP) Maximum peak-to-peak output voltage swing
RL ≥ 600 Ω
VCC± = ±18 V
30
32
V
AVD
Large-signal differential voltage amplification
VO = ±10 V,
TA = 25°C
25
100
V/mV
AVD
Large-signal differential voltage amplification
VO = ±10 V,
RL ≥ 600 Ω
TA = Full range
15
V/mV
Avd
Small-signal differential voltage amplification
f = 10 kHz
CC = 0
6
V/mV
Avd
Small-signal differential voltage amplification
f = 10 kHz
CC = 22 pF
2.2
V/mV
VO = ±10 V
CC = 0
200
BOM
Maximum-output-swing bandwidth
VO = ±10 V
CC = 22 pF
95
kHz
BOM
Maximum-output-swing bandwidth
VCC± = ±18 V,
RL ≥ 600 Ω,
VO = ±14 V,
CC = 22 pF
70
kHz
B1
Unity-gain bandwidth
CC = 22 pF,
CL = 100 pF
10
MHz
ri
Input resistance
30
100
k
zo
Output impedance
AVD = 30 dB,
CC = 22 pF,
RL ≥ 600 Ω,
f = 10 kHz
0.3
CMRR
Common-mode rejection ratio
VO = 0,
RS = 50 Ω
VIC = VICRmin,
70
100
dB
kSVR
Supply-voltage rejection ratio (
∆VCC/∆VIO)
VCC+ = ±9 V to ±15 V,
VO = 0
RS = 50 Ω,
80
100
dB
IOS
Output short-circuit current
38
mA
ICC
Supply current
VO = 0, No load
TA = 25°C
4
8
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified.
For NE5534 and NE5534A, full range is 0
°C to 70°C. For SA5534 and SA5534A, full range is −40°C to 85°C.


Similar Part No. - SA5534ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5534ADR TI-SA5534ADR Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534ADR TI-SA5534ADR Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534ADR TI-SA5534ADR Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
SA5534ADR TI1-SA5534ADR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise Operational Amplifiers
logo
ON Semiconductor
SA5534ADR2 ONSEMI-SA5534ADR2 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results

Similar Description - SA5534ADRG4

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com