Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2211-12-301 Datasheet(PDF) 2 Page - Coto Technology

Part # 2211-12-301
Description  Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

2211-12-301 Datasheet(HTML) 2 Page - Coto Technology

  2211-12-301 Datasheet HTML 1Page - Coto Technology 2211-12-301 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
2200 Series Reed Relays
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Environmental Ratings:
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance
are specified at 25°C. These values vary by approximately
0.4% / °C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1Consult factory for life expectancy at
other switching loads.
2Model 2204, pin #7 is tied to optional
electrostatic shield, pins #6 & #7 are
tied to optional coaxial shield.
3Consists of 56V Zener diode and 1N4148
diode in series, connected in parallel with coil.
3


Similar Part No. - 2211-12-301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2211-1200G ETC-2211-1200G Datasheet
42Kb / 3P
   FIXED DIP DELAY LINE
2211-1200G ETC1-2211-1200G Datasheet
35Kb / 3P
   data delay devices
logo
Data Delay Devices, Inc...
2211-1200G DATADELAY-2211-1200G Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
logo
List of Unclassifed Man...
2211-120C ETC-2211-120C Datasheet
42Kb / 3P
   FIXED DIP DELAY LINE
2211-120C ETC1-2211-120C Datasheet
35Kb / 3P
   data delay devices
More results

Similar Description - 2211-12-301

ManufacturerPart #DatasheetDescription
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
   Reed Relays
DIL05-1A66-10C MEDER-DIL05-1A66-10C Datasheet
97Kb / 2P
   DIL Reed Relays
DIL05-2A75-21Q MEDER-DIL05-2A75-21Q Datasheet
88Kb / 1P
   DIL Reed Relays
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com