Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1168NSLE Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75C1168NSLE
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1168NSLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75C1168NSLE Datasheet HTML 4Page - Texas Instruments SN75C1168NSLE Datasheet HTML 5Page - Texas Instruments SN75C1168NSLE Datasheet HTML 6Page - Texas Instruments SN75C1168NSLE Datasheet HTML 7Page - Texas Instruments SN75C1168NSLE Datasheet HTML 8Page - Texas Instruments SN75C1168NSLE Datasheet HTML 9Page - Texas Instruments SN75C1168NSLE Datasheet HTML 10Page - Texas Instruments SN75C1168NSLE Datasheet HTML 11Page - Texas Instruments SN75C1168NSLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
VOH
VOL
1.5 V
2 V
0.8 V
VOL + 0.3 V
tPZH
tPHZ
tPZL
tPLZ
VOLTAGE WAVEFORMS
Input DE
3 V
0 V
1.5 V
1.3 V
C1
C2
C3
R3
R1
R2
0 V
or
3 V
1.5 V
S1
See Note A
TEST CIRCUIT
VOL − 0.3 V
Pulse
Generator
50
See Note B
DE
Output
Output
NOTES: A. C1, C2, and C3 include probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr = tf ≤ 6 ns.
Figure 4. Driver Test Circuit and Voltage Waveforms
−2.5 V
2.5 V
VOL
VOH
0 V
10%
90%
tPHL
tPLH
VOLTAGE WAVEFORMS
RL
A Input
VCC
B Input
Device
Under
Test
CL = 50 pF
(see Note A)
S1
TEST CIRCUIT
90%
10%
tTLH
50%
tTHL
Output
(see Note B)
B Input
A Input = 0 V
50%
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr = tf ≤ 6 ns.
Figure 5. Receiver Test Circuit and Voltage Waveforms


Similar Part No. - SN75C1168NSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1168NSLE TI-SN75C1168NSLE Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1168NSLE TI1-SN75C1168NSLE Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1168NSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com