Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5534PSE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SA5534PSE4
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5534PSE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SA5534PSE4 Datasheet HTML 3Page - Texas Instruments SA5534PSE4 Datasheet HTML 4Page - Texas Instruments SA5534PSE4 Datasheet HTML 5Page - Texas Instruments SA5534PSE4 Datasheet HTML 6Page - Texas Instruments SA5534PSE4 Datasheet HTML 7Page - Texas Instruments SA5534PSE4 Datasheet HTML 8Page - Texas Instruments SA5534PSE4 Datasheet HTML 9Page - Texas Instruments SA5534PSE4 Datasheet HTML 10Page - Texas Instruments SA5534PSE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
1
0.9
0.8
−75
−50
−25
0
25
50
1.1
NORMALIZED SLEW RATE AND
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
1.2
75
100
125
VCC± = ±15 V
TA − Free-Air Temperature − °C
Unity-Gain
Bandwidth
Slew Rate
Figure 6
100
400
1 k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
4 k
10 k
40 k 100 k
0.01
0.007
0.004
0.002
0.001
VCC± = ±15 V
AVD = 1
VI(rms) = 2 V
TA = 25°C
Figure 7
10
100
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
1 k
10 k
100 k
10
7
4
2
1
VCC± = ±15 V
TA = 25°C
SA5534A, NE5534A
SA5534, NE5534
Figure 8
10
100
f − Frequency − Hz
1 k
10 k
100 k
EQUIVALENT INPUT NOISE CURRENT
vs
FREQUENCY
10
7
4
2
1
0.7
0.4
0.2
0.1
VCC± = ±15 V
TA = 25°C
SA5534, NE5534
SA5534A, NE5534A
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - SA5534PSE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5534PSR TI1-SA5534PSR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise Operational Amplifiers
More results

Similar Description - SA5534PSE4

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com