Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9901-05-10 Datasheet(PDF) 1 Page - Coto Technology

Part # 9901-05-10
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9901-05-10 Datasheet(HTML) 1 Page - Coto Technology

  9901-05-10 Datasheet HTML 1Page - Coto Technology 9901-05-10 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
9900 Series/Surface Mount Reed Relays
SURFACE MOUNT REED RELAYS
Ideally suited to the needs of Automated Test Equipment and
Instrumentation requirements, Coto’s 9900 Series is the smallest
Surface Mount Reed Relay available. The external Magnetic Shield
reduces interaction between parts in high density boards. Small size
plus the use of Coto’s proprietary switch technology make these relays
ideal for designs such as high speed, high pin count VLSI testers where
speed, size and performance are all needed.
SERIES FEATURES
Available in Axial, Gull wing and “J” lead configurations
Tape and Reel packaging available
High reliability, hermetically sealed contacts for long life
High Insulation Resistance - 1012
minimum
Coaxial shield for 50
impedance
6.5 GHz bandwidth for RF and Pulse switching (fast rise time
pulses) [9903 only]
External Magnetic Shield
Model 9901
Axial
J-Lead
2
Gull Wing
2
Dimensions in Inches (Millimeters)
Model 9903
(Top View)
(Top View)
2


Similar Part No. - 9901-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9901-05-10 COTO-9901-05-10 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
More results

Similar Description - 9901-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com