Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7000-24-1001 Datasheet(PDF) 3 Page - Coto Technology

Part # 7000-24-1001
Description  High Reliability Reed Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

7000-24-1001 Datasheet(HTML) 3 Page - Coto Technology

  7000-24-1001 Datasheet HTML 1Page - Coto Technology 7000-24-1001 Datasheet HTML 2Page - Coto Technology 7000-24-1001 Datasheet HTML 3Page - Coto Technology 7000-24-1001 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
22
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
Contact
Model
Nominal
Must
Must
Coil
Width
Schematic Top View 2, 8
Form
Number
Coil
Operate
Release
Resistance (See Table #1)
Voltage
Voltage
Voltage
±10%_
End to End
Same End
VDC
VDC max.
VDC min.
@25°C
Coil
Coil
1A
7101
5
3.75
0.4
300
A
12
9.0
1.0
1600
24
18.0
2.0
4200
2A
7102
5
3.75
0.4
150
B
12
9.0
1.0
1000
24
18.0
2.0
3500
3A
7103
5
3.75
0.4
100
C
12
9.0
1.0
800
24
18.0
2.0
2400
4A
7104
5
3.75
0.4
80
D
12
9.0
1.0
550
24
18.0
2.0
2000
1B5
7121
5
3.75
0.4
150
B
12
9.0
1.0
1000
24
18.0
2.0
3500
2B5
7122
5
3.75
0.4
100
C
12
9.0
1.0
800
24
18.0
2.0
2400
1C
7141
5
3.75
0.4
175
A
12
9.0
1.0
1100
24
18.0
2.0
4200
2C
7142
5
3.75
0.4
65
C
12
9.0
1.0
490
24
18.0
2.0
1550
3C
7143
5
3.75
0.4
55
D
12
9.0
1.0
300
24
18.0
2.0
1350
1A Latch 5, 6
7150
5
3.75
0.4
550/550
B
12
9.0
1.0
1750/1750
1A1B 5, 7
7160
5
3.75
0.4
80
D
12
9.0
1.0
550
24
18.0
2.0
2000


Similar Part No. - 7000-24-1001

ManufacturerPart #DatasheetDescription
logo
Murrelektronik GmbH
7000-29521-0000000 MURR-7000-29521-0000000 Datasheet
282Kb / 2P
   SVS valve form A 18mm field-wireable Replaced Art.-No. 3129260
logo
Tyco Electronics
7000-2A-380 MACOM-7000-2A-380 Datasheet
308Kb / 1P
   7000 Series Frequency Sensor
7000-2B-380 MACOM-7000-2B-380 Datasheet
308Kb / 1P
   7000 Series Frequency Sensor
7000-2C-380 MACOM-7000-2C-380 Datasheet
308Kb / 1P
   7000 Series Frequency Sensor
More results

Similar Description - 7000-24-1001

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7000 COTO-7000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
7201-12-1000 COTO-7201-12-1000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
7101-05-1000 COTO-7101-05-1000 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
   high voltage reed relays
logo
Meder Electronic
H24-1A83 MEDER-H24-1A83 Datasheet
646Kb / 4P
   High Voltage Reed Relays
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com