Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMP5.48 Datasheet(PDF) 1 Page - Power-One

Part # PMP5.48
Description  Rectifier Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PMP5.48 Datasheet(HTML) 1 Page - Power-One

  PMP5.48 Datasheet HTML 1Page - Power-One PMP5.48 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The Power-One PMP 5 rectifier module
provides a cost-effective power solution
in a high density footprint. Built on the
latest advances in the resonance switch
mode approach (soft-switching), the
PMP 5 is the next evolution in our small
convection cooled rectifier series.
Optimized for telecom applications, the
module is designed to work in a
multitude of different subrack/shelf
configurations incorporating the Power-
One
PCU controller
and
various
distribution options.
Features
115/230 VAC input
24V, or 48VDC output
Power factor correction
Active load sharing
Hot-swappable
Low weight
Natural convection cooling
International standards compliance
PPR 5/7 System
Shown
PMP 5
Rectifier Module
www.power-one.com


Similar Part No. - PMP5.48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMP5201G PHILIPS-PMP5201G Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMP5201G NXP-PMP5201G Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
logo
Nexperia B.V. All right...
PMP5201G NEXPERIA-PMP5201G Datasheet
241Kb / 10P
   45 V, 100 mA PNP/PNP matched double transistor
28 December 2022
PMP5201G NEXPERIA-PMP5201G Datasheet
118Kb / 14P
   PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
logo
NXP Semiconductors
PMP5201V NXP-PMP5201V Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
More results

Similar Description - PMP5.48

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP7 POWER-ONE-PMP7 Datasheet
55Kb / 2P
   Rectifier Module
logo
Inchange Semiconductor ...
MD70A ISC-MD70A Datasheet
270Kb / 3P
   Rectifier Module
logo
Power-One
PMP25 POWER-ONE-PMP25 Datasheet
103Kb / 2P
   Rectifier Module
logo
Inchange Semiconductor ...
SKKE600-12 ISC-SKKE600-12 Datasheet
288Kb / 3P
   Rectifier Module
logo
Power-One
PMP11 POWER-ONE-PMP11 Datasheet
50Kb / 2P
   Rectifier Module
logo
Inchange Semiconductor ...
SKKE162 ISC-SKKE162 Datasheet
273Kb / 3P
   Rectifier Module
MD200A ISC-MD200A Datasheet
287Kb / 3P
   Rectifier Module
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com