Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9002-05-12 Datasheet(PDF) 1 Page - Coto Technology

Part # 9002-05-12
Description  Molded SIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9002-05-12 Datasheet(HTML) 1 Page - Coto Technology

  9002-05-12 Datasheet HTML 1Page - Coto Technology 9002-05-12 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
High Performance SIP Reed Relays
The SIP relay is the industry standard when high reliability and consis-
tent performance are desired in a compact package. The 9001 and
9002 are high performance relays ideally suited for Automatic Test
Equipment, Instrumentation, RF and Telecommunications applica-
tions. The specification tables allow you to select the appropriate relay
for your application.
Series Features
High Insulation Resistance - 1012
minimum (1013 typical)
High reliability, hermetically sealed contacts for long life (tested
to 1 Billion Operations)
High dielectric strength available, consult factory
High speed switching compared to electromechanical relays
Molded thermoset body on integral lead frame design
Coaxial Shield for 50
impedance and switching of fast rise
time digital pulses - 9002 only
Optional Coil Suppression Diode - protects coil drive circuits
UL File # E67117, CSA File # LR 28537
9000 Series / Molded SIP Reed Relays
Model 9001
Model 9002
Dimensions in Inches (Millimeters)
30o


Similar Part No. - 9002-05-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9002 ETC1-9002 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
RHOPOINT COMPONENTS
9002 RHOPOINT-9002 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
NTE Electronics
90020 NTE-90020 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
logo
List of Unclassifed Man...
900210 ETC-900210 Datasheet
6Mb / 68P
   Contacts
May 2019
900217 ETC-900217 Datasheet
6Mb / 68P
   Contacts
May 2019
More results

Similar Description - 9002-05-12

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
Coto Technology
9000 COTO-9000 Datasheet
1Mb / 2P
   9000 SERIES/MOLDED SIP REED RELAYS
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
   Hi Voltage SIP Reed Relays
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
9094 COTO-9094 Datasheet
543Kb / 2P
   9094 HIGH POWER MINIATURE SIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com