Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA Datasheet(PDF) 10 Page - Power-One

Part # PSA
Description  Positive Switching Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSA Datasheet(HTML) 10 Page - Power-One

Back Button PSA_03 Datasheet HTML 5Page - Power-One PSA_03 Datasheet HTML 6Page - Power-One PSA_03 Datasheet HTML 7Page - Power-One PSA_03 Datasheet HTML 8Page - Power-One PSA_03 Datasheet HTML 9Page - Power-One PSA_03 Datasheet HTML 10Page - Power-One PSA_03 Datasheet HTML 11Page - Power-One PSA_03 Datasheet HTML 12Page - Power-One PSA_03 Datasheet HTML 13Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PSA Series Extended Data Sheet
Positive Switching Regulator (Rugged)
REV. SEP 23, 2003
Page 10 of 13
Mechanical Data
Dimensions in mm. Tolerances ±0.3 mm unless otherwise specified.
European
Projection
Safety and Installation Instructions
Installation Instruction
Installation of the switching regulators must strictly follow
the national safety regulations in compliance with the enclo-
sure, mounting, creepage, clearance, casualty, markings
and segregation requirements of the end-use application.
Check for hazardous voltages before altering any connec-
tions. Connections can be made using fast-on or soldering
technique.
The input and the output circuit are not separated. i.e. the
negative path is internally interconnected!
2.8 x 0.5
(1.0 x 0.5 option Y)
min. 5
12.2
Ø 4
Potentiometer
(option P)
Yellow
LED output
voltage indicator
Go–
i
R
Gi–
20.5
6.3
18.7
1.2
Measuring point
of case temperature
Vi+
Vo+
50.2 ±0.2
2.7 ±0.2
Fig. 12
Case A01, weight 100 g
Aluminium,
black finish and self cooling
Fig. 13
Case A01 hole locations for circuit board layout (compo-
nent side view of PCB):
- - - = Space reserved for switching regulator
a
= 3.0 mm x 0.7 mm slot or Ø 3.0 mm, through
plated for hand or machine soldering (fast on)
a
= Ø 1.3...1.5 mm with option Y pins
20.5
6.3
18.7
1.2
51.4
09016
Cleaning Agents
In order to avoid possible damage, any penetration of
cleaning fluids is to be prevented, since the power sup-
plies are not hermetically sealed.
The units should be connected to a secondary circuit.
Do not open the module.
Ensure that a unit failure (e.g. by an internal short-circuit)
does not result in a hazardous condition. See also: Safety
of operator accessible output circuit.


Similar Part No. - PSA_03

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
PSA-0012++ MINI-PSA-0012+ Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
PSA-0012-D MINI-PSA-0012-D Datasheet
296Kb / 6P
   Monolithic Amplifier Die
PSA-0012-D++ MINI-PSA-0012-D+ Datasheet
296Kb / 6P
   Monolithic Amplifier Die
PSA-0012-DF++ MINI-PSA-0012-DF+ Datasheet
296Kb / 6P
   Monolithic Amplifier Die
More results

Similar Description - PSA_03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
logo
SeCoS Halbleitertechnol...
SE1147-50 SECOS-SE1147-50 Datasheet
538Kb / 3P
   Positive Regulator
logo
Texas Instruments
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
[Old version datasheet]   2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
[Old version datasheet]   2 Amp Positive Step-Down Integrated Switching Regulator
78ST300 TI-78ST300 Datasheet
190Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT5100 TI-PT5100 Datasheet
170Kb / 7P
[Old version datasheet]   1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
[Old version datasheet]   3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com