Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9201-12-30 Datasheet(PDF) 1 Page - Coto Technology

Part # 9201-12-30
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9201-12-30 Datasheet(HTML) 1 Page - Coto Technology

  9201-12-30 Datasheet HTML 1Page - Coto Technology 9201-12-30 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
38
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
9200 Series/Surface Mount Reed Relays
Surface Mount Reed Relays
Ideally suited to the needs of Automated Test Equipment, Instrumenta-
tion and Telecommunications requirements, Coto’s 9200 Series specifi-
cation tables allow you to select the appropriate relay for your particu-
lar application. If your requirements differ, please consult your local
representative or Coto’s Factory to discuss a custom design.
Series Features
High Insulation Resistance - 1012
Ω minimum (1013 Ω Typical)
High reliability, hermetically sealed contacts for long life
Molded thermoset body on integral lead frame design
High speed switching compared to electromechanical relays
9200 Series
Low profile - .190” height. Meets high board density requirements
50
Ω Coaxial Shield for RF and Fast Rise Time Pulse switching
9290 Series
Low profile - .193” (4.9mm) max height
Minimum Footprint .140” Sq. (3.5mm Sq.)
50
Ω Co-axial Shield for RF and Fast Rise Time Pulse switching
External Magnetic Shield
UL Recognized
Tape and Reel Available
Dimensions in Inches (Millimeters)
Model 9200
Model 9290
Radial
End
Views
9201
9202
J-Lead
2
Gull Wing
2
9290 Top View
9290 End View


Similar Part No. - 9201-12-30

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9201-12-30 RHOPOINT-9201-12-30 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
More results

Similar Description - 9201-12-30

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com