Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA55-7 Datasheet(PDF) 3 Page - Power-One

Part # PSA55-7
Description  1 to 6 A Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSA55-7 Datasheet(HTML) 3 Page - Power-One

  PSA55-7 Datasheet HTML 1Page - Power-One PSA55-7 Datasheet HTML 2Page - Power-One PSA55-7 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PSA, PSR Series Data Sheet
1 to 6 A Switching Regulator
FEB 09, 2006 revised to MAY 31, 2006
Page 3 of 3
www.power-one.com
Mechanical data
Tolerances ±0.3 mm (0.012") unless otherwise indicated.
European
Projection
Accessories
Isolation pads for easy and safe PCB mounting
Filters and ring core chokes for ripple and interference reduction
Adapter kits for DIN-rail and chassis mounting
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for
use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems
without the express written consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may
change depending on the date manufactured. Specifications are subject to change without notice.
5 (0.2")
Potentiometer
(option P)
Yellow
LED output
voltage indicator
6.3 (0.25")
18.7 (0.74")
1.2 (0.04")
Measuring point
of case temperature
Vi+
Vo+
50.2 (2")
2.7 (0.1")
20.5 (0.8")
1.0 x 0.5
(0.04 x 0.02")
option Y
Go–
i
R
Gi–
S09015
2.8 x 0.5 (0.11 x 0.02")


Similar Part No. - PSA55-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA55-7 POWER-ONE-PSA55-7 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
More results

Similar Description - PSA55-7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1409 SEMTECH-SC1409 Datasheet
109Kb / 8P
   1 A Synchronous Switching Regulator
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Texas Instruments
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
logo
STMicroelectronics
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
   Up to 1 A step down switching regulator for automotive applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com