Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSK3E25-7 Datasheet(PDF) 1 Page - Power-One

Part # PSK3E25-7
Description  9 - 25 A Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSK3E25-7 Datasheet(HTML) 1 Page - Power-One

  PSK3E25-7 Datasheet HTML 1Page - Power-One PSK3E25-7 Datasheet HTML 2Page - Power-One PSK3E25-7 Datasheet HTML 3Page - Power-One PSK3E25-7 Datasheet HTML 4Page - Power-One PSK3E25-7 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSS, PSK Series Data Sheet
9 - 25 A Switching Regulator
REV. FEB 09, 2006
Page 1 of 5
www.power-one.com
• RoHS lead solder exemption compliant
• Efficiency up to 97%
• Low input-output differential voltage
• No derating over temperature
Input voltage up to 144 VDC
Single output of 3.3 to 48 VDC
No input-to-output isolation
Selection chart
Output
Input voltage
Rated power
Efficiency
Type
Options
Vonom
Ionom
Vi
Potot
htyp
[VDC]
[A]
[VDC]
[W]
[%]
3.3
25
8 - 40
82.5
82
PSK 3E25-7
-9, E, P, B, B1
5.1
12
8 - 80
61.2
79
PSS 5A12-7
-9, E, P, C, B, B1
5.1
14
8 - 40
71.4
83
PSS 5A14-2
B, B1
5.1
16
8 - 80
81.6
79
PSK 5A16-7
-9, E, P, C, B, B1
5.1
18
8 - 40
91.8
82
PSK 5A18-2
B, B1
5.1
20
8 - 80
102
79
PSK 5A20-7
-9, E, P, C, B, B1
5.1
25
8 - 40
127.5
82
PSK 5A25-7
-9, E, P, C, B, B1
12 (15)1
9
18 - 144
108 (135)
91
PSS 129-7
-9, E, P, C, B, B1
12 (15)1
12
15 - 80
144 (180)
91
PSS 1212-7
-9, E, P, C, B, B1
12 (15)1
12
18 - 144
144 (180)
91
PSK 1212-7
-9, E, P, C, B, B1
12 (15)1
14
16 - 40
168 (210)
90
PSS 1214-2
B, B1
12 (15)1
16
15 - 80
192 (240)
90
PSK 1216-7
-9, E, P, C, B, B1
12 (15)1
18
16 - 40
216 (270)
90
PSK 1218-2
B, B1
12 (15)1
20
15 - 80
240 (300)
90
PSK 1220-7
-9, E, P, C, B, B1
24
9
31 - 144
216
94
PSS 249-7
-9, E, P, C, B, B1
24
12
29 - 80
288
94
PSS 2412-7
-9, E, P, C, B, B1
24
12
31 - 144
288
94
PSK 2412-7
-9, E, P, C, B, B1
24
14
29 - 60
336
94
PSS 2414-2
B, B1
24
16
29 - 80
384
94
PSK 2416-7
-9, E, P, C, B, B1
24
18
29 - 60
432
94
PSK 2418-2
B, B1
24
20
29 - 80
480
94
PSK 2420-7
-9, E, P, C, B, B1
36
9
44 - 144
324
96
PSS 369-7
-9, E, P, C, B, B1
36
12
42 - 80
432
96
PSS 3612-7
-9, E, P, C, B, B1
36
12
44 - 144
432
96
PSK 3612-7
-9, E, P, C, B, B1
36
16
42 - 80
576
95
PSK 3616-7
-9, E, P, C, B, B1
36
20
42 - 80
720
95
PSK 3620-7
-9, E, P, C, B, B1
48
9
58 - 144
432
97
PSS 489-7
-9, E, P, C, B, B1
48
12
58 - 144
576
97
PSK 4812-7
-9, E, P, C, B, B1
1 These converters (Vo nom = 12 V) can be adjusted to 15 V using the R-control input.


Similar Part No. - PSK3E25-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
More results

Similar Description - PSK3E25-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
logo
ON Semiconductor
NCP3294 ONSEMI-NCP3294 Datasheet
2Mb / 22P
   25 A Stackable Synchronous Buck Regulator
January, 2023 - Rev. 0
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
TDA38827 INFINEON-TDA38827 Datasheet
2Mb / 48P
   25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19
logo
Semtech Corporation
SC1409 SEMTECH-SC1409 Datasheet
109Kb / 8P
   1 A Synchronous Switching Regulator
logo
Texas Instruments
PT6610 TI-PT6610 Datasheet
70Kb / 3P
[Old version datasheet]   9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Schneider Electric
M9F17125 SCHNEIDER-M9F17125 Datasheet
82Kb / 2P
   Multi 9 - C60L - MCB - 1P - 25 A - C Curve - 240 V - 25 kA
M9F17325 SCHNEIDER-M9F17325 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 25 A - C Curve - 415 V - 25 kA
M9F17425 SCHNEIDER-M9F17425 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 25 A - C Curve - 415 V - 25 kA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com