Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2911-12-321 Datasheet(PDF) 2 Page - Coto Technology

Part # 2911-12-321
Description  Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

2911-12-321 Datasheet(HTML) 2 Page - Coto Technology

  2911-12-321 Datasheet HTML 1Page - Coto Technology 2911-12-321 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
2900 Series Reed Relays
Environmental Ratings:
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil
resistance are specified at 25°C. These values
vary by approximately 0.4% / °C as the
ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Notes:
1Consult factory for life expectancy at other switching loads.
2Model 2904, 2911 and 2920, pin #7 is tied to optional electro-
static shield, pins #6 & #7 are tied to optional coaxial shield.
3Model 2920 has Hg wet contacts - position sensitive, must
be mounted within 30° of vertical plane. See schematic.
Hg Content per capsule: Form A, 0.04 grams.
4Consists of 56V Zener diode and 1N4148 diode in series,
connected in parallel with coil.


Similar Part No. - 2911-12-321

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
2911-40023 AMPHENOL-2911-40023 Datasheet
260Kb / 1P
   SMA PLUG (NON-MAGNETIC) FOR .047 FLEX CABLE
logo
Amphenol SV Microwave
2911-40023 SVMICROWAVE-2911-40023 Datasheet
260Kb / 1P
   SMA PLUG (NON-MAGNETIC) FOR .047 FLEX CABLE
REV.01 10/19
logo
Amphenol Corporation
2911-40024 AMPHENOL-2911-40024 Datasheet
94Kb / 1P
   SMA PLUG (NON-MAGNETIC) FOR .085 CABLE
logo
Amphenol SV Microwave
2911-40024 SVMICROWAVE-2911-40024 Datasheet
94Kb / 1P
   SMA PLUG (NON-MAGNETIC) FOR .085 CABLE
05/20
2911-61008 SVMICROWAVE-2911-61008 Datasheet
90Kb / 1P
   NON-REFLECTIVE SMA STR. M CONNECTOR FOR T-FLEX 405 CABLE
08/21
More results

Similar Description - 2911-12-321

ManufacturerPart #DatasheetDescription
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
   Reed Relays
DIL05-1A66-10C MEDER-DIL05-1A66-10C Datasheet
97Kb / 2P
   DIL Reed Relays
DIL05-2A75-21Q MEDER-DIL05-2A75-21Q Datasheet
88Kb / 1P
   DIL Reed Relays
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com