Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT10-103-G4 Datasheet(PDF) 2 Page - Coto Technology

Part # CT10-103-G4
Description  Molded Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT10-103-G4 Datasheet(HTML) 2 Page - Coto Technology

  CT10-103-G4 Datasheet HTML 1Page - Coto Technology CT10-103-G4 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
93
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
*Specifications are based on standard switch. Contact factory for other possibilities.
CT10 Series Molded Switch
Notes:
1Surface mount component processing temperature:
500°F(260°C) max for 1 minute dwell time.
Temperature measured on leads where lead exits
molded package.
2Surface mount component processing temperature:
438°F(226°C) max for 1 minute dwell time.
Temperature measured on leads where lead exits
molded package.


Similar Part No. - CT10-103-G4

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT10-1030-A2 COTO-CT10-1030-A2 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
CT10-1030-G1 COTO-CT10-1030-G1 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
CT10-1030-G2 COTO-CT10-1030-G2 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
logo
RHOPOINT COMPONENTS
CT10-1030-G2 RHOPOINT-CT10-1030-G2 Datasheet
113Kb / 2P
   SMD SENSORS
logo
Coto Technology
CT10-1030-G4 COTO-CT10-1030-G4 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
More results

Similar Description - CT10-103-G4

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT05-1530-G1 COTO-CT05-1530-G1 Datasheet
181Kb / 2P
   Molded Switch
logo
List of Unclassifed Man...
CT05 ETC1-CT05 Datasheet
80Kb / 2P
   Series Molded Switch
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
CT05 COTO-CT05 Datasheet
513Kb / 2P
   CT05 SERIES MOLDED SWITCH
logo
Schneider Electric
PJF36000S10 SCHNEIDER-PJF36000S10 Datasheet
125Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1000A
PJM36000S80 SCHNEIDER-PJM36000S80 Datasheet
143Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
PJL36000S12SA SCHNEIDER-PJL36000S12SA Datasheet
131Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1200A
PJL36000S80 SCHNEIDER-PJL36000S80 Datasheet
99Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
JGL36000S25LU SCHNEIDER-JGL36000S25LU Datasheet
134Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
JGM36000S25 SCHNEIDER-JGM36000S25 Datasheet
133Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com