Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSS369-7 Datasheet(PDF) 4 Page - Power-One

Part # PSS369-7
Description  9 - 25 A Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSS369-7 Datasheet(HTML) 4 Page - Power-One

  PSS369-7 Datasheet HTML 1Page - Power-One PSS369-7 Datasheet HTML 2Page - Power-One PSS369-7 Datasheet HTML 3Page - Power-One PSS369-7 Datasheet HTML 4Page - Power-One PSS369-7 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSS, PSK Series Data Sheet
9 - 25 A Switching Regulator
REV. FEB 09, 2006
Page 4 of 5
www.power-one.com
32 28 24 20 16 12
8
4
Connector type H15
S10010
30 26 22 18 14 10
6
Connector type H15 S4
S10010
32/30
24 20 16 12
4/6
26/28 22 18 14 10/8
H15 S4 connectors for 20 and 25 A types
Mechanical data
Tolerances ±0.3 mm (0.012") unless otherwise indicated.
European
Projection
159 (6.25")
4.5 (0.18")
168.5 (6.63")
80 (3.15")
7 TE
9 TE
Measuring point of
case temperature
T
C
171.93 (6.77") (DIN 41494)
50 (1.97")
S09029
Potentiometer
(option P)
Test sockets
LED OK
PSK
Pin allocation


Similar Part No. - PSS369-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS369-7 POWER-ONE-PSS369-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
More results

Similar Description - PSS369-7

ManufacturerPart #DatasheetDescription
logo
Power-One
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
logo
ON Semiconductor
NCP3294 ONSEMI-NCP3294 Datasheet
2Mb / 22P
   25 A Stackable Synchronous Buck Regulator
January, 2023 - Rev. 0
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
TDA38827 INFINEON-TDA38827 Datasheet
2Mb / 48P
   25 A single-voltage synchronous Buck regulator
V2.3 2021-7-19
logo
Semtech Corporation
SC1409 SEMTECH-SC1409 Datasheet
109Kb / 8P
   1 A Synchronous Switching Regulator
logo
Texas Instruments
PT6610 TI-PT6610 Datasheet
70Kb / 3P
[Old version datasheet]   9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Schneider Electric
M9F17125 SCHNEIDER-M9F17125 Datasheet
82Kb / 2P
   Multi 9 - C60L - MCB - 1P - 25 A - C Curve - 240 V - 25 kA
M9F17325 SCHNEIDER-M9F17325 Datasheet
117Kb / 3P
   Multi 9 - C60L - MCB - 3P - 25 A - C Curve - 415 V - 25 kA
M9F17425 SCHNEIDER-M9F17425 Datasheet
128Kb / 3P
   Multi 9 - C60L - MCB - 4P - 25 A - C Curve - 415 V - 25 kA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com