Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-25 Datasheet(PDF) 2 Page - Coto Technology

Part # RI-25
Description  Dry Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RI-25 Datasheet(HTML) 2 Page - Coto Technology

  RI-25 Datasheet HTML 1Page - Coto Technology RI-25 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
113
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
RI-25 Series Dry Reed Switch
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max:
+125°C. Storage temperature; min: -55°C; max:
+125°C. Note: Temperature excursions up to 150°C
may be permissible. For more information contact your
nearest Coto Technology sales office.
Soldering
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ±10°C for 3.5 ±0.5 s. Solderability is tested in
accordance with “IEC 68-2-20”, test Ta, method 3:
solder globule temperature 235°C; ageing Ib: 4 hours
steam.
Welding
The leads can be welded
Mounting
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be
avoided. Care must be taken to prevent stray magnetic
fields from influencing the operating and measuring
conditions.
ancy and reliability data. Further information is avail-
able on request.
Mechanical Data
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 190 mg; and can be
mounted in any position.
Shock
The switches are tested in accordance with “IEC 68-2-
27”, test Ea (peak acceleration 150 G, half sinewave;
duration 11 ms). Such a shock will not cause an open
switch (no magnetic field present) to close, nor a switch
kept closed by an 80 AT coil to open.
Vibration
The switches are tested in accordance with “IEC 68-2-
6”, test Fc (acceleration 10 G; below cross-over fre-
quency 57 to 62 Hz; amplitude 0.75 mm; frequency
range 10 to 2000 Hz, duration 90 minutes). Such a
vibration will not cause an open switch (no magnetic
field present) to close, nor a switch kept closed by an
80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in accor-
dance with “IEC 68-2-21”, test Ua
1 (load 40 N).


Similar Part No. - RI-25

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-21 COTO-RI-21 Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21A COTO-RI-21A Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21AA COTO-RI-21AA Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21AAA COTO-RI-21AAA Datasheet
248Kb / 2P
   Dry Reed Switch
RI-21B COTO-RI-21B Datasheet
248Kb / 2P
   Dry Reed Switch
More results

Similar Description - RI-25

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
   Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
   Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
   Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
   Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
   Dry Reed Switch
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
   Dry Reed Switch
RI-60 COTO-RI-60 Datasheet
194Kb / 2P
   Dry Reed Switch
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
   Dry Reed Switch
RI-02 COTO-RI-02 Datasheet
191Kb / 2P
   Dry Reed Switch
RI-03 COTO-RI-03 Datasheet
220Kb / 2P
   Dry Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com