Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2046 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # F2046
Description  PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

F2046 Datasheet(HTML) 2 Page - Polyfet RF Devices

  F2046 Datasheet HTML 1Page - Polyfet RF Devices F2046 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F2046 POUT VS PIN F=1000 MHZ; IDQ=0.2A; VDS=28V
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
PIN IN WATTS
8.00
9.00
10.00
11.00
12.00
13.00
POUT
GAIN
Efficiency = 35%
POUT VS PIN GRAPH
F2046
F2A 1 DIE CAPACITANCE VS VDS
VDS IN VOLTS
1
10
100
0
5
10
15
20
25
30
Crss
Coss
Ciss
F2A 1 DIE IV CURVE
VDS IN VOLTS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
VGS = 2V
VGS = 4V
VGS = 6V
VGS = 8V
VGS = 10V
VGS 12V
F2A 1 DIE GM & ID vs VGS
Vgs in Volts
0.01
0.1
1
10
0
2
4
6
8
10
12
14
16
18
Gm
Id
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
CAPACITANCE VS VOLTAGE
IV CURVE
ID AND GM VS VGS
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
REVISION
8/1/97


Similar Part No. - F2046

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F2041 POLYFET-F2041 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2047 POLYFET-F2047 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2048 POLYFET-F2048 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2049 POLYFET-F2049 Datasheet
35Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
ABB
F204AC-100/0.03 ABB-F204AC-100/0.03 Datasheet
7Mb / 62P
   DIN Rail circuit protective devices
Rev. A
More results

Similar Description - F2046

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1021 POLYFET-F1021 Datasheet
38Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1058 POLYFET-F1058 Datasheet
38Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1060 POLYFET-F1060 Datasheet
38Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1081 POLYFET-F1081 Datasheet
40Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
F1170 POLYFET-F1170 Datasheet
43Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
F1240 POLYFET-F1240 Datasheet
41Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F1401 POLYFET-F1401 Datasheet
42Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F1520 POLYFET-F1520 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2002 POLYFET-F2002 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2004 POLYFET-F2004 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F2012 POLYFET-F2012 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com