Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3540-05-5-1 Datasheet(PDF) 2 Page - Coto Technology

Part # 3540-05-5-1
Description  Low Thermal EMF Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

3540-05-5-1 Datasheet(HTML) 2 Page - Coto Technology

  3540-05-5-1 Datasheet HTML 1Page - Coto Technology 3540-05-5-1 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
3500 Series/Low Thermal EMF Reed Relays
Notes:
1Consult factory for life expectancy at other switching loads.
2Models 3501 and 3540, optional electrostatic shield is tied
to pin #5. Models 3502, 3520 and 3541, optional electro-
static shield is tied to pin #13.
3Model 3520 has Hg wet contacts - position sensitive, must be
mounted within 30° of vertical plane. See schematic.
Hg Content per capsule: Form A, 0.04 grams.
4Consists of 56V Zener diode and 1N4148 diode in series,
connected in parallel with coil.
Environmental Ratings:
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil
resistance are specified at 25°C. These values
vary by approximately 0.4% / °C as the ambient
temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)


Similar Part No. - 3540-05-5-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
3540-10P-CV HIROSE-3540-10P-CV Datasheet
380Kb / 6P
   Long-Life I/O Connectors
3540-16P HIROSE-3540-16P Datasheet
272Kb / 6P
   Long-Life I/O Connectors
3540-16P HIROSE-3540-16P Datasheet
380Kb / 6P
   Long-Life I/O Connectors
3540-16P-CV HIROSE-3540-16P-CV Datasheet
380Kb / 6P
   Long-Life I/O Connectors
3540-16PR HIROSE-3540-16PR Datasheet
272Kb / 6P
   Long-Life I/O Connectors
More results

Similar Description - 3540-05-5-1

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3501 RHOPOINT-3501 Datasheet
63Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
   3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
   3600 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
   Low thermal EMF version
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
   Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com