Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41754 Datasheet(PDF) 3 Page - EPCOS

Part # B41754
Description  Automotive -125
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41754 Datasheet(HTML) 3 Page - EPCOS

  B41754 Datasheet HTML 1Page - EPCOS B41754 Datasheet HTML 2Page - EPCOS B41754 Datasheet HTML 3Page - EPCOS B41754 Datasheet HTML 4Page - EPCOS B41754 Datasheet HTML 5Page - EPCOS B41754 Datasheet HTML 6Page - EPCOS B41754 Datasheet HTML 7Page - EPCOS B41754 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
112 10/02
B41754
Automotive 125 °C
Dimensional drawing
Dimensions, weights and packing units
For ecological reasons the packing is pure cardboard.
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
The following must be ordered separately:
Ring clips
B44030 (cf. page 169)
Insulating parts
B44020 (cf. page 166)
Terminal Dimensions (mm)
Approx.
weight (g)
Packing unit
pieces
d +0/–0,4 I
± 0,8 I
1 ± 0,8
l3 +0,2/–1 d2 ± 0,2 a +0,2/–0,4
M 5
50,9
39,5
46,1
7,0
8,2
22,2
115
22
M 5
50,9
49,5
56,1
7,0
8,2
22,2
135
22
Thread
Toothed
washers
Screws/Nuts
Maximum
torque
For terminals
M 5
A 5,1 DIN 6797
Cylinder-head screw M 5
× 8 DIN 84-4.8
2
Nm
M 6
A 6,4 DIN 6797
Cylinder-head screw M 6
× 12 DIN 85-4.8 2,5 Nm
KAL0824-B-E
+
d
M5: Min. reach of screw = 8 mm
Positive pole marking: +
1
3
Stud mounting upon request


Similar Part No. - B41754

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4170 EPCOS-B4170 Datasheet
73Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
logo
TDK Electronics
B41787A5108Q001 TDK-B41787A5108Q001 Datasheet
96Kb / 2P
   Axial Capacitors
B41787A5138Q001 TDK-B41787A5138Q001 Datasheet
96Kb / 2P
   Axial Capacitors
B41787A5178Q001 TDK-B41787A5178Q001 Datasheet
96Kb / 2P
   Axial Capacitors
B41787A5208Q001 TDK-B41787A5208Q001 Datasheet
96Kb / 2P
   Axial Capacitors
More results

Similar Description - B41754

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020XXX-5AC ROHM-BR25H020XXX-5AC Datasheet
1Mb / 44P
   Serial EEPROM Series for Automotive EEPROM 125 °C Operation SPI BUS EEPROM for Automotive
12.Jan.2022 Rev.001
BR25H010XXX-5AC ROHM-BR25H010XXX-5AC Datasheet
1Mb / 44P
   Serial EEPROM Series for Automotive EEPROM 125 °C Operation SPI BUS EEPROM for Automotive
12.Jan.2022 Rev.001
BR25H040XXX-5AC ROHM-BR25H040XXX-5AC Datasheet
1Mb / 44P
   Serial EEPROM Series for Automotive EEPROM 125 °C Operation SPI BUS EEPROM for Automotive
12.Jan.2022 Rev.002
BR25H020F-2C ROHM-BR25H020F-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H020FVT-2C ROHM-BR25H020FVT-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H040FJ-2C ROHM-BR25H040FJ-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66-2C ROHM-BR93H66-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
logo
Winchester Electronics ...
2762706792 WINCHESTER-2762706792 Datasheet
136Kb / 2P
   .125 X .125 GRID
logo
Rohm
BR25H128-2C ROHM-BR25H128-2C Datasheet
894Kb / 33P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com