Electronic Components Datasheet Search |
|
TMOV14R200E Datasheet(PDF) 4 Page - Littelfuse |
|
TMOV14R200E Datasheet(HTML) 4 Page - Littelfuse |
4 / 9 page 30 www .littelfuse .com Varistor Products TMOV® and iTMOV® Varistor Series Device Ratings and Specifications - iTMOV Varistor Series continued... TMOV14R320M 320 136 459 561 840 50 380 TMOV20R320M 320 273 459 561 840 100 750 TMOV14R385M TMOV20R385M TMOV14R420M TMOV20R420M 4T320M 20T320M 4T385M 20T385M 4T420M 20T420M 14 20 14 20 14 20 420 420 385 385 900 900 1200 1200 1200 1200 160 320 150 300 4500 6500 4500 6500 4500 6500 6000 10000 6000 10000 6000 10000 612 612 558 558 748 748 682 682 1120 1120 1025 1025 50 100 50 100 300 600 360 700 TMOV20R460M TMOV20R510M 20T460M 20T510M 20 20 510 460 n/a n/a 325 360 6500 6500 10000 10000 738 675 902 825 1355 1240 100 100 350 200 TMOV20R550M TMOV20R575M 20T550M 20T575M 20 20 575 550 n/a n/a 375 360 6500 6500 10000 10000 856 819 1047 1001 1568 1500 100 100 275 300 TMOV20R750M 750 480 1080 1320 1980 100 175 20T750M 20 n/a 6500 10000 TMOV20R625M 20T625M 20 625 n/a 400 10000 6500 900 1100 100 1650 250 MAXIMUM RATING (85°C) SPECIFICATIONS (25°C) CONTINUOUS TRANSIENT AC VOLTS ENERGY 2ms PEAK SURGE CURRENT 8/20µs VARISTOR VOLTAGE AT 1mA TEST CURRENT MAXIMUM CLAMPING VOLTAGE 8/20µs TYPICAL CAPACI- TANCE f = 1MHz VM(AC)RMS WTM VN(DC) MIN VN(DC) MAX VC IPK C PART NUMBER (V) (J) (V) (V) (A) (pF) DEVICE MODEL NUMBER BRAND- ING (mm) DISC DIA- METER SUPPRESSED VOLTAGE RATING UL 1449 TABLE 60.1 (V) ITM 2 x PULSE (A) ITM 1 x PULSE (A) NOTE: For 14mm devices with a voltage rating greater than 420V, please contact factory regarding availability. Thermally Protected |
Similar Part No. - TMOV14R200E |
|
Similar Description - TMOV14R200E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |