Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV14R300E Datasheet(PDF) 8 Page - Littelfuse

Part # TMOV14R300E
Description  Varistor Products - Thermally Protected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV14R300E Datasheet(HTML) 8 Page - Littelfuse

  TMOV14R300E Datasheet HTML 1Page - Littelfuse TMOV14R300E Datasheet HTML 2Page - Littelfuse TMOV14R300E Datasheet HTML 3Page - Littelfuse TMOV14R300E Datasheet HTML 4Page - Littelfuse TMOV14R300E Datasheet HTML 5Page - Littelfuse TMOV14R300E Datasheet HTML 6Page - Littelfuse TMOV14R300E Datasheet HTML 7Page - Littelfuse TMOV14R300E Datasheet HTML 8Page - Littelfuse TMOV14R300E Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
34
www .littelfuse .com
Varistor Products
????
E
e
e1
e1
e3
e
e2
E
L
A
L
A
L3
SYMBOL
Vrms
Model
Voltage
TMOV Varistor
14mm
20mm
Model Size
iTMOV Varistor
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm
mm
mm
mm
mm
mm
mm
mm
(in)
(in)
(in)
(in)
(in)
(in)
(in)
(in)
A
Dia D
e
e1
e2
e3
E
L
L3
Dia b
Dia c
Outside Lead
Only
ALL
115-175
200-420
385-460
460-750
625-750
115-420
460-750
ALL
ALL
ALL
ALL
115-175
200-320
510-575
ALL
ALL
ALL
17.0
22.0
23.0
28.0
17.0
22.0
23.0
28.0
(0.669)
(0.866)
(0.906)
(1.10)
(0.669)
(0.866)
(0.906)
(1.10)
13.5
17.0
19.0
23.0
13.5
17.0
19.0
23.0
(0.531)
(0.669)
(0.748)
(0.906)
(0.531)
(0.669)
(0.748)
(0.906)
6.5
8.5
6.5
8.5
6.5
8.5
6.5
8.5
(0.256)
(0.335)
(0.256)
(0.335)
(0.256)
(0.335)
(0.256)
(0.335)
0.76
0.86
0.76
0.86
0.76
0.86
0.76
0.86
(0.030)
(0.034)
(0.030)
(0.034)
(0.030)
(0.034)
(0.030)
(0.034)
0.95
1.05
0.95
1.05
(0.037)
(0.041)
(0.037)
(0.041)
1.5
4.0
1.5
4.0
1.5
4.0
1.5
4.0
(0.059)
(0.157)
(0.059)
(0.157)
(0.059)
(0.157)
(0.059)
(0.157)
2.0
6.0
2.0
6.0
2.0
6.0
2.0
6.0
(0.079)
(0.236)
(0.079)
(0.236)
(0.079)
(0.236)
(0.079)
(0.236)
2.0
2.0
(0.079)
(0.079)
4.0
6.0
4.0
6.0
(0.138)
(0.236)
(0.157)
(0.236)
9.0
(0.335)
9.5
(0.374)
11.0
(0.433)
13.0
(0.512)
12.0
(0.472)
11.0
(0.433)
9.5
(0.374)
9.0
(0.335)
9.0
(0.335)
9.5
(0.374)
11.0
(0.433)
12.0
(0.472)
13.0
(0.512)
11.0
(0.433)
9.5
(0.374)
9.0
(0.335)
25.4
(1.00)
6.0
(0.236)
6.0
(0.236)
0.76
0.86
0.76
0.86
(0.030)
(0.034)
(0.030)
(0.034)
25.4
(1.00)
25.4
(1.00)
25.4
(1.00)
Dia D
Dia D
Dia b
Dia b
Dia c
0
0
0
0
2.0
(0.079)
2.0
(0.079)
TMOV® and iTMOV® Varistor Series
General Dimensions, Bulk Pack Non-Crimped Devices
Thermally Protected
For 14mm ratings above 420 Vrms contact factory for specifications.


Similar Part No. - TMOV14R300E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R300E LITTELFUSE-TMOV14R300E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV14R300E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com