Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9081A1UC06 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9081A1UC06
Description  Dual Band Receiver IC High Sensitivity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9081A1UC06 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9081A1UC06 Datasheet HTML 1Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 2Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 3Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 4Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 5Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 6Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 7Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 8Page - Micro Analog systems MAS9081A1UC06 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 (12)
DA9081.006
1 August, 2005
FREQUENCY SELECTION
The frequency selection and power down control is
accomplished via two digital control pins PDN1 and
PDN2. The control logic is presented in table 1.
Table 1 Frequency selection and power down control
PDN1
PDN2
RFI2 Switch
Selected Crystal
Output
Description
High
High
Open
-
Power down
High
Low
Open
QO1
Frequency 1
Low
High
Closed
QO2
Frequency 2, RFI2 capacitor connected in
parallel with antenna
Low
Low
Closed
QO2
Frequency 2, RFI2 capacitor connected in
parallel with antenna
The internal antenna tuning capacitor switch (RFI2)
and crystal filter output switches (QO1, QO2) are
controlled according table 1. See switch in block
diagram on page 1.
If frequency 1 is selected the RFI2 switch is open
and only crystal output QO1 is active. Antenna
frequency is determined by antenna inductor LANT
(see Typical Application on page 5), antenna
capacitor CANT1 and parasitic capacitances related
to antenna inputs RFI1, RFI2 and RFI3 (see
Antenna Tuning Considerations below). Frequency
1
is
the
higher
frequency
of
two
selected
frequencies.
If frequency 2 is selected then RFI2 switch is closed
to connect CANT2 in parallel with ferrite antenna and
tune it to frequency 2. Then only crystal output QO2
is active. Frequency 2 is lower frequency of the two
selected frequencies.
It is recommended to switch the device to power
down
for
50ms
before
switching
to
another
frequency. This guarantees fast startup in switching
to another frequency. The 50ms power down period
is used to discharge AGC capacitor and to initialize
fast startup conditions.
ANTENNA TUNING CONSIDERATIONS
The ferrite bar antenna having inductance LANT and
parasitic coil capacitance CCOIL is tuned to two
reception frequencies f1 and f2 by parallel capacitors
CANT1 and CANT2. The receiver input stage and
internal antenna capacitor switch have capacitances
(CRFI1,
COFF2)
which
affect
the
resonance
frequencies. COFF2 is switch capacitance when
switch is open. When the switch is closed this
capacitance is shorted by on resistance of the
switch and is effectively eliminated. Following
relationships
can
be
written
into
two
tuning
frequencies.
Frequency f1 (higher frequency):
CTOT1=CCOIL+CANT1+CRFI1+COFF2=CCOIL+CANT1+6.5pF+37pF=CCOIL+CANT1+ 43.5pF,
1
1
2
1
TOT
ANT
C
L
f
=
π
Frequency f2 (lower frequency):
CTOT2=CCOIL+CANT1+CANT2+CRFI1=CCOIL+CANT1+CANT2+ 6.5pF,
2
2
2
1
TOT
ANT
C
L
f
=
π


Similar Part No. - MAS9081A1UC06

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
   Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
   Stepper Motor Driver IC
More results

Similar Description - MAS9081A1UC06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
   Ku-Band SATCOM Receiver IC
F6102 IDT-F6102 Datasheet
166Kb / 2P
   Ka-Band SATCOM Receiver IC
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
[Old version datasheet]   DUAL-BAND/DUAL-MODE PCS RECEIVER
logo
United Monolithic Semic...
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
   W-Band Dual Channel Transmitter/Receiver
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
   High sensitivity alternating behavior Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com