|
| EPE6172AS-M |
|
|||
|
PCA |
|
|
1 page
E L E C T R O N I C S I N C . 10Base-T PCMCIA Interface Module TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 • Operating Temperature : -40°C to +85°C • Complies with or exceeds IEEE 802.3, 10Base-T Requirements EPE6172AS-M Product performance is limited to specified parameters. Data is subject to change without prior notice. Package Electrical Parameters @ 25° C Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25 CSE6172AS-M Rev. 2 1/9/06 .380 (9.65) .035 (.889) 0°-8° .075 (1.91) Pad Layout .025 (.635) .490 (12.45) .270 (6.86) PCA EPE6172AS-M Date Code .016/.022 (.406/.559) .050 (1.27) .010/.015 (.254/.381) .050 (1.27) .420 (10.67) Pin 1 I.D. .190 (4.83) .070 (1.78) .008/.012 (.203/.304) .350 (8.89) 12 Interwinding Capacitance (pF Max.) @ 100 KHz, 100 mVrms OCL (µH Min.) 100 KHz, 100 mVrms 150 Hipot (Vrms) 60-80 1500 Primary DCR ( Ω Max.) 0.35 0.20 Leakage Inductance (µH Max.) @ 100 KHz, 100 mVrms Schematic 1 2 3 1CT : 1CT 14 15 16 6 7 8 9 10 11 1CT : 1CT |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EPE6358S | 10Base-T PCMCIA Interface Module | 1 | PCA ELECTRONICS INC. |
| EPF8181AS | 10/100Base-TX Interface PCMCIA Module | 1 | PCA ELECTRONICS INC. |
| EPA1829C | 10Base-T Interface Module with Enhanced Common Mode Attenuation | 1 2 3 4 5 More | PCA ELECTRONICS INC. |
| 6670 | LAN 10Base-T SMD Analog Interface Module | 1 | Filtran LTD |
| EPA2162 | 10 Base-T Interface Module for Multiport Repeater Applications | 1 2 | PCA ELECTRONICS INC. |
| 6766 | ATM Dual Channel Interface Module | 1 | Filtran LTD |
| XE0055CS2 | Miniature Telephone Line Interface Module for CTI Applications | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 8001 | T1/CEPT Extended Temperature Range SMD Dual Line Interface Module | 1 | Filtran LTD |
| EPA2013DG | 10 Base-T Interface Module | 1 2 | PCA ELECTRONICS INC. |
| LANF72761 | ETHERNET 10BASE-T PCMCIA TRANSFORMER MODULES | 1 | Delta Electronics, Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |