Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5168 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5168
Description  32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5168 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5168 Datasheet HTML 1Page - Maxim Integrated Products MAX5168 Datasheet HTML 2Page - Maxim Integrated Products MAX5168 Datasheet HTML 3Page - Maxim Integrated Products MAX5168 Datasheet HTML 4Page - Maxim Integrated Products MAX5168 Datasheet HTML 5Page - Maxim Integrated Products MAX5168 Datasheet HTML 6Page - Maxim Integrated Products MAX5168 Datasheet HTML 7Page - Maxim Integrated Products MAX5168 Datasheet HTML 8Page - Maxim Integrated Products MAX5168 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX5168 contains 32 sample/hold amplifiers and
four 1-of-8 multiplexers. The logic controlling the muxes
and sample/hold amplifiers combines the four muxes into
a unified 1-of-32 multiplexer with a sample/hold at each
output. Additional logic allows two devices to function as
a single 64-channel unit. The MAX5168 is available with
an output impedance of 50
Ω, 500Ω, or 1kΩ.
The MAX5168 operates with +10V and -5V supplies, and
a separate +5V digital logic supply. Manufactured with a
proprietary BiCMOS process, it provides high accuracy,
fast acquisition time, a low droop rate, and a low hold
step. The MAX5168 has a typical linearity error of less
than 0.01% and can accurately acquire 8V step input sig-
nals to 0.01% accuracy in 2.5µs within the +7V to -4V
input signal range. Transitions from sample mode to hold
mode result in only a 0.5mV error. While in hold mode, the
output voltage slowly droops at a rate of 1mV/s.
The MAX5168 is available in a 48-pin TQFP package and
is specified for both the commercial (0°C to +70°C) and
extended industrial (-40°C to +85°C) temperature ranges.
________________________Applications
Automatic Test Systems (ATE)
Industrial Process Controls
Arbitrary Function Generators
Avionics Equipment
Features
o 32-Channel Sample/Hold
o 0.01% Accuracy of Acquired Signal
o 0.01% Linearity Error
o Fast Acquisition Time: 2.5µs
o Low Droop Rate: 1mV/s
o Low Hold Step: 0.25mV
o Wide Output Voltage Range: +7V to -4V
32-Channel Sample/Hold Amplifier
with a Single Multiplexed Input
________________________________________________________________ Maxim Integrated Products
1
OUT21
OUT20
OUT19
OUT18
OUT17
OUT16
VDD
OUT15
OUT14
OUT13
OUT12
OUT11
ADDR2
ADDR3
ADDR4
SELECT
S/H
CONFIG
VL
DGND
VSS
AGND
IN
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP
MAX5168
TOP VIEW
Pin Configuration
19-1674; Rev 0; 4/00
Ordering Information
48 TQFP
PIN-
PACKAGE
TEMP. RANGE
0°C to +70°C
MAX5168LCCM
PART
48 TQFP
0°C to +70°C
MAX5168MCCM
48 TQFP
0°C to +70°C
MAX5168NCCM
48 TQFP
-40°C to +85°C
MAX5168LECM
48 TQFP
-40°C to +85°C
MAX5168MECM
48 TQFP
-40°C to +85°C
MAX5168NECM
50
ROUT
(
Ω)
500
1k
50
500
1k
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX5168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
Analog Devices
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18 Datasheet
269Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com