Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5168LCCM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5168LCCM
Description  32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5168LCCM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5168LCCM Datasheet HTML 1Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 2Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 3Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 4Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 5Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 6Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 7Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 8Page - Maxim Integrated Products MAX5168LCCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IN = AGND, TA =
32-Channel Sample/Hold Amplifier
with a Single Multiplexed Input
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +10.0V, VSS = -5.0V, VL = +5.0V ±5%, AGND = DGND = 0, RL = 5k
Ω, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND.......................................................-0.3V to +11.0V
VSS to AGND .........................................................-6.0V to +0.3V
VDD to VSS ......................................................................+15.75V
VL to DGND ...........................................................-0.3V to +6.0V
VL to AGND ...........................................................-0.3V to +6.0V
DGND to AGND.....................................................-0.3V to +2.0V
IN, OUT_ .....................................................................VSS to VDD
Logic Inputs to DGND ...........................................-0.3V to +6.0V
Maximum Current into OUT_ ............................................±10mA
Maximum Current into Logic Inputs .................................±20mA
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 12.5mW/°C above +70°C)......1000mW
Operating Temperature Ranges
MAX5168_CCM ................................................0°C to +70°C
MAX5168_ECM..............................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Figure 2 (Note 1)
IN = AGND
To ±1mV of final value, Figure 2 (Note 1)
-4.0V < VIN < +7V, RL =
TA = +25°C,
RL =
∞, Figure 2
RL =
∞,
CL = 250pF
(Note 1)
VIN = 0, sample mode
VIN = 0, sample mode
8V step with 500ns
rising edge (Note 1)
MAX5168N
+15°C
≤ TA ≤ +65°C (Note 1)
8V step to 0.08%
RL =
100mV step to ±1mV
CONDITIONS
ns
200
tAP
Aperture Delay
µs
12
tH
Hold-Mode Settling Time
1
µs
2.5
4
tAQ
Acquisition Time
V
VSS
VDD
VCH
Output Clamp High
mA
2
ISINK
Output Sink Current
mA
2
ISOURCE
Output Source Current
700
1000
1300
350
500
650
ROUT_
mV
0.25
1.00
VHS
Hold Step
%
0.01
0.08
Linearity Error
35
50
65
DC Output Impedance
pF
10
20
CIN
Input Capacitance
MAX5168M
-72
-76
MAX5168L
dB
-72
-76
Analog Crosstalk
mV/s
140
Droop Rate
mV
-30
-5
+30
VOS
Offset Voltage
µV/°C
20
40
CL = 250pF for
MAX5168L
CL = 10nF for
MAX5168M/N
V
VSS +VDD -
0.75
2.4
VOUT_
Output Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IN = AGND, TA = +25°C
IN = AGND, TA = +25°C
ANALOG SECTION
TIMING PERFORMANCE


Similar Part No. - MAX5168LCCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5168LCCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
logo
Analog Devices
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18 Datasheet
269Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com