Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3241E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3241E
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3241E Datasheet HTML 1Page - Maxim Integrated Products MAX3241E Datasheet HTML 2Page - Maxim Integrated Products MAX3241E Datasheet HTML 3Page - Maxim Integrated Products MAX3241E Datasheet HTML 4Page - Maxim Integrated Products MAX3241E Datasheet HTML 5Page - Maxim Integrated Products MAX3241E Datasheet HTML 6Page - Maxim Integrated Products MAX3241E Datasheet HTML 7Page - Maxim Integrated Products MAX3241E Datasheet HTML 8Page - Maxim Integrated Products MAX3241E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
_______________________________________________________________________________________
5
-6
-4
-2
0
2
4
6
0
MAX3237E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE (MBAUD = GND)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
2500
3000
FOR DATA RATES UP TO 250kbps
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
5
3
1
-1
-3
-5
VOUT+
VOUT-
-6
-2
-4
2
0
4
6
-5
-3
1
-1
3
5
0
1000
1500
500
2000
2500
3000
LOAD CAPACITANCE (pF)
VOUT-
VOUT+
FOR DATA RATES UP TO 250kbps
1 TRANSMITTER 250kbps
4 TRANSMITTERS 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
MAX3237E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
-7.5
-5.0
-2.5
0
2.5
5.0
7.5
0
MAX3237E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE (MBAUD = VCC)
LOAD CAPACITANCE (pF)
500
1000
1500
2000
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/16 DATA RATE
3k
Ω + CL LOAD, EACH OUTPUT
2Mbps
1.5Mbps
1Mbps
2Mbps
1Mbps
1.5Mbps
__________________________________________Typical Operating Characteristics
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
MAX3241E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
VOUT+
VOUT-
0
30
20
10
40
50
60
0
2000
1000
3000
4000
5000
MAX3241E
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
20kbps
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
0
4
2
8
6
12
10
14
0
1000
2000
3000
4000
5000
MAX3241E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
MAX3222E/MAX3232E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps
VOUT+
VOUT-
0
6
2
4
10
8
14
12
16
0
1000
2000
3000
4000
5000
MAX3222E/MAX3232E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
+SLEW
FOR DATA RATES UP TO 250kbps
-SLEW
0
25
20
15
5
10
35
30
40
45
0
2000
1000
3000
4000
5000
MAX3222E/MAX3232E
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
20kbps
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps


Similar Part No. - MAX3241E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3241E MAXIM-MAX3241E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3241E MAXIM-MAX3241E Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3241E MAXIM-MAX3241E Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3241EAI MAXIM-MAX3241EAI Datasheet
268Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
MAX3241ECAI MAXIM-MAX3241ECAI Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
More results

Similar Description - MAX3241E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com