Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3222ECAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3222ECAP
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222ECAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3222ECAP Datasheet HTML 4Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 5Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 6Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 7Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 8Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 9Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 10Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 11Page - Maxim Integrated Products MAX3222ECAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX3222E
MAX3232E
MAX3241E
TQFN
SO/
DIP
TSSOP/
SSOP
TQFN
SO/DIP/
SSOP/
16-PIN
TSSOP
20-PIN
TSSOP
MAX3237E SSOP/
SO/
TSSOP
QFN
MAX3246E
NAME
FUNCTION
16
16
18
13
15
18
2
25
24
F5
GND
Ground
17
17
19
14
16
19
26
26
26
F2
VCC
+3.0V to +5.5V Supply
Voltage
18
18
20
14*
22
21
B2
SHDN
Shutdown Control. Active
low.
9, 12
11, 14
——
1, 10,
11, 20
——
9, 16,
25,
32
C3, D3, B4,
C4, D4, E4,
B5, C5, D5,
E5
N.C.
No Connection. For
MAX3246E, these
locations are not
populated with solder
bumps.
——
15*
MBAUD
MegaBaud Control Input.
Connect to GND for
normal operation; connect
to VCC for 1Mbps
transmission rates.
——
16
20,
21
19, 20
R_OUTB
Noninverting
Complementary Receiver
Outputs. Always active.
EP
EP
——
EP
GND
Exposed Paddle. Solder
the exposed paddle to
the ground alone or leave
unconnected.


Similar Part No. - MAX3222ECAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222ECAP MAXIM-MAX3222ECAP Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222ECAP++ MAXIM-MAX3222ECAP+ Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222ECAP++ MAXIM-MAX3222ECAP+ Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222ECAP++ MAXIM-MAX3222ECAP+ Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
More results

Similar Description - MAX3222ECAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com