Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3222ECWN Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3222ECWN
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222ECWN Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3222ECWN Datasheet HTML 6Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 7Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 8Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 9Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 10Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 11Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 12Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 13Page - Maxim Integrated Products MAX3222ECWN Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
10
______________________________________________________________________________________
The complementary outputs on the MAX3237E/
MAX3241E (R_OUTB) are always active, regardless of the
state of EN or SHDN. This allows the device to be used
for ring indicator applications without forward biasing
other devices connected to the receiver outputs. This is
ideal for systems where VCC drops to zero in shutdown
to accommodate peripherals such as UARTs (Figure 2).
MAX3222E/MAX3237E/MAX3241E/
MAX3246E Shutdown Mode
Supply current falls to less than 1µA in shutdown mode
(SHDN = low). The MAX3237E’s supply current falls
to10nA (typ) when all receiver inputs are in the invalid
range (-0.3V < R_IN < +0.3). When shut down, the
device’s charge pumps are shut off, V+ is pulled down
to VCC, V- is pulled to ground, and the transmitter out-
puts are disabled (high impedance). The time required
to recover from shutdown is typically 100µs, as shown
in Figure 3. Connect SHDN to VCC if shutdown mode is
not used. SHDN has no effect on R_OUT or R_OUTB
(MAX3237E/MAX3241E).
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated to protect against electrostatic dis-
charges encountered during handling and assembly.
The driver outputs and receiver inputs of the
MAX3222E/MAX3232E/MAX3237E/MAX3241E/MAX3246E
have extra protection against static electricity. Maxim’s
engineers have developed state-of-the-art structures to
protect these pins against ESD of ±15kV without damage.
The ESD structures withstand high ESD in all states:
normal operation, shutdown, and powered down. After
an ESD event, Maxim’s E versions keep working without
latchup, whereas competing RS-232 products can latch
and must be powered down to remove latchup.
Furthermore, the MAX3237E logic I/O pins also have
±15kV ESD protection. Protecting the logic I/O pins to
±15kV makes the MAX3237E ideal for data cable
applications.
T1OUT
R1OUTB
Tx
5k
UART
VCC
T1IN
LOGIC
TRANSITION
DETECTOR
R1IN
R1OUT
THREE-STATED
EN = VCC
SHDN = GND
VCC
TO
µP
Rx
PREVIOUS
RS-232
Tx
UART
PROTECTION
DIODE
PROTECTION
DIODE
SHDN = GND
VCC
VCC
GND
Rx
5k
a) OLDER RS-232: POWERED-DOWN UART DRAWS CURRENT FROM
A ACTIVE RECEIVER OUTPUT IN SHUTDOWN.
b) NEW MAX3237E/MAX3241E: EN SHUTS DOWN RECEIVER OUTPUTS
B (EXCEPT FOR B OUTPUTS), SO NO CURRENT FLOWS TO UART IN SHUTDOWN.
B B OUTPUTS INDICATE RECEIVER ACTIVITY DURING SHUTDOWN WITH EN HIGH.
GND
MAX3237E/MAX3241E
Figure 2. Detection of RS-232 Activity when the UART and
Interface are Shut Down; Comparison of MAX3237E/MAX3241E
(b) with Previous Transceivers (a)
40
µs/div
SHDN
T2OUT
T1OUT
5V/div
0
2V/div
0
VCC = 3.3V
C1–C4 = 0.1
µF
Figure 3. Transmitter Outputs Recovering from Shutdown or
Powering Up


Similar Part No. - MAX3222ECWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222ECWN MAXIM-MAX3222ECWN Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222ECWN++ MAXIM-MAX3222ECWN+ Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222ECWN++ MAXIM-MAX3222ECWN+ Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222ECWN++ MAXIM-MAX3222ECWN+ Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
More results

Similar Description - MAX3222ECWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com