Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3222EEPN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3222EEPN
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222EEPN Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3222EEPN Datasheet HTML 2Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 3Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 4Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 5Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 6Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 7Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 8Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 9Page - Maxim Integrated Products MAX3222EEPN Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
0
20
60
40
80
100
0
MAX3237E
TRANSMITTER SKEW vs. LOAD CAPACITANCE
(MBAUD = VCC)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
|tPLH - tPHL|
1 TRANSMITTER AT 500kbps
4 TRANSMITTERS AT 1/16 DATA RATE
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
-6
-2
-4
2
0
4
6
-3
-5
1
-1
3
5
2.0
3.0
3.5
2.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
VOUT-
VOUT+
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω +1000pF
MAX3237E
TRANSMITTER OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE (MBAUD = GND)
0
10
20
30
40
50
2.0
MAX3237E SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MBAUD = GND)
SUPPLY VOLTAGE (V)
3.0
3.5
2.5
4.0
4.5
5.0
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω AND 1000pF
MAX3246E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
-6
0
5000
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
VOUT-
VOUT+
4
6
8
10
12
14
16
0
MAX3246E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
SR+
SR-
0
10
20
30
40
50
60
0
MAX3246E
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1000
2000
3000
4000
5000
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
55
45
35
25
15
5
250kbps
120kbps
20kbps
0
2
4
6
8
10
12
0
MAX3237E
SLEW RATE vs. LOAD CAPACITANCE
(MBAUD = GND)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
2500
3000
SR+
SR-
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
0
10
20
30
50
40
60
70
0
MAX3237E
SLEW RATE vs. LOAD CAPACITANCE
(MBAUD = VCC)
LOAD CAPACITANCE (pF)
500
1000
1500
2000
-SLEW, 1Mbps
+SLEW, 1Mbps
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/16 DATA RATE
3k
Ω + CL LOAD EACH OUTPUT
-SLEW, 2Mbps
+SLEW, 2Mbps
0
10
20
30
40
50
0
MAX3237E
SUPPLY CURRENT vs. LOAD CAPACITANCE
WHEN TRANSMITTING DATA (MBAUD = GND)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
2500
3000
250kbps
120kbps
20kbps
1 TRANSMITTER AT 20kbps, 120kbps, 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL


Similar Part No. - MAX3222EEPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222EEPN MAXIM-MAX3222EEPN Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
logo
List of Unclassifed Man...
MAX3222EEPN ETC2-MAX3222EEPN Datasheet
151Kb / 7P
   High ESD-Protected, Low Power, 3.0V to 5.5V, Single Supply RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3222EEPN++ MAXIM-MAX3222EEPN+ Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222EEPN++ MAXIM-MAX3222EEPN+ Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222EEPN++ MAXIM-MAX3222EEPN+ Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
More results

Similar Description - MAX3222EEPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3232ECAE-T MAXIM-MAX3232ECAE-T Datasheet
1Mb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E Datasheet
299Kb / 20P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00
MAX3222E MAXIM-MAX3222E_V01 Datasheet
2Mb / 22P
   짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com