Electronic Components Datasheet Search |
|
FK1 Datasheet(PDF) 6 Page - Littelfuse |
|
FK1 Datasheet(HTML) 6 Page - Littelfuse |
6 / 10 page Maße in mm / Dimensions in mm / Dimensions en mm Artikel-Nr. Article-No. Réf. d' article Nennstrom Ratedcurrent Intensité nom. I N/Irat Spannungsfall Voltage drop Chute de tension U D Schmelzintegral Joule integral Intégral de Joule I²t Kaltwiderstand Coldresistance Res. à froit R K Kennfarbe Colour-code Code couleur Schmelzzeit-Grenzwerte DIN / Pre-arcing time - limits / Temps de fusion limits Normen / Specifications / Normes In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio. WebSite www.littelfuse.com Achtung: 1.00 bedeutet die Nummer "Eins" mit zwei Dezimalstellen. 1,000 bedeutet die Nummer "Eintausend" / Note: 1.00 means the number "one" with two decimal places. 1,000 means the number "one thousand" / Attention: 1.00 signifie le numero "un" avec deux decimals. 1,000 signifie le numero "mille" PWN UL 248 Special Purpose Fuses cULus Recognized: File No. E211637 FP1 FP1 FP1 FP1 FP1-Printsicherungen für Nennspannungen bis 32 V / FP1 FP1 FP1 FP1 FP1-p.c.b. Fuse links for rated voltage up to 32 V / FP1 FP1 FP1 FP1 FP1-print Fusibles pour tension nom. jusqu'à 32 V Isolierkörper / Insulating body / Corps Isolants: aus Thermoplast / out of thermoplastic / de matière thermoplastique (UL 94-V0, wärmeformbeständig / heat-resistant / résistante à la chaleur) Abdeckung / Cover / Capuchon: aus Thermoplast / out of thermoplastic / de matiére thermoplastique (V0, transparent), Schmelzleiter sichtbar / visible melting-element / filament visible Shunt: rot, nicht transparent / red, not transparent / rouge, pas transparent Anschlüsse / Connections / Connexions: Lötpins / Soldering pins / pins de soudage Kupferlegierung, gal. Sn / copper alloy, gal. Sn / alliage cuivreux, gal. Sn Schaltvermögen / Breaking capacity / Pouvoir de coupure: 1,000 A, 32 V, DC 168.6585.410_ 168.6585.420_ 168.6585.430_ 168.6585.440_ 168.6585.450_ 168.6585.475_ 168.6585.510_ 168.6585.515_ 168.6585.520_ 168.6585.525_ 168.6585.530_ 160.6585.0002 1A 2A 3A 4A 5A 7.5 A 10 A 15 A 20 A 25 A 30 A Shunt 225 mV 200 mV 175 mV 175 mV 175 mV 150 mV 125 mV 125 mV - - - - 135 mV 110 mV 110 mV 110 mV 105 mV 100 mV 110 mV 105 mV 100 mV 105 mV 105 mV 60 mV 0.83 A²s 3.31 A²s 7.45 A²s 16.7 A²s 19.8 A²s 44.5 A²s 79.2 A²s 178 A²s 331 A²s 653 A²s 1,264 A²s 1,800 A²s Standard DIN max. Letzte Ziffer der Art.-Nr. = Verpackungsindex, siehe Seite 88 / Last figure of article-no. = packaging code, see page 88 / Dernier chiffre du numéro d'article = code d'emballage, voir page 88 100 m Ω 43.0 m Ω 27.0 m Ω 21.3 m Ω 16.2 m Ω 9.70 m Ω 7.40 m Ω 4.50 m Ω 3.10 m Ω 2.60 m Ω 1.90 m Ω 1.35 m Ω min. max. 1 A - 30 A 1.10 I N / Irat 1.35 I N / Irat 2.00 I N / Irat 3.50 I N / Irat 6.00 I N / Irat 1 A - 30 A 1 A - 30 A 1 A - 30 A 1 A - 30 A F I = 1.33 (max. Dauerstrom / max. operating current / max. courant permanent: 0.75 x Irat bei / at / à 23°C) 100h 750 ms 150 ms 40 ms 20 ms - 1,800 s 5 s 500 ms 100 ms PUDENZ max. |
Similar Part No. - FK1 |
|
Similar Description - FK1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |