Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A15QS25-2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A15QS25-2
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A15QS25-2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A15QS25-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers A15QS25-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers A15QS25-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers A15QS25-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers A15QS25-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D 4
AMP-TRAP®–Form 101
A15QS
SEMICONDUCTOR PROTECTION FUSES
Clearing I2t vs Working Voltage
DC Voltage vs Time Constant (L/R)
Operating Voltage
Time Constant (L/R)
1
2
3
4
5
6
7
8
10
12
15
20
25
30
35
40
45
50
60
20
25
30
35
40
45
50
60
70
80
90
100
AMPERE
RATING
Melting
(A2s X 103)
0.045
0.060
0.074
0.10
0.18
MAX
CLEARING I2t
@ 150VAC
(A2s X 103)
0.0001
0.0007
0.002
0.005
0.008
0.015
0.001
0.001
0.002
0.003
0.005
0.009
0.017
0.032
0.01
0.02
0.03
0.04
0.05
0.06
0.08
0.12
0.16
0.21
0.27
0.33
Body Style
Type 2
Type 1
Type 4
0.0002
0.001
0.003
0.007
0.012
0.022
0.011
0.015
0.019
0.030
0.042
0.072
0.14
0.25
0.21
0.28
0.34
0.47
0.80
0.10
0.16
0.21
0.29
0.39
0.47
0.64
0.94
2.0
2.5
3.1
3.6
I
2t Data-150VAC
125
130
150
175
200
225
250
275
300
350
400
450
500
550
600
700
800
900
1000
750
800
1000
1200
1500
1600
1800
2000
2500
3000
3500
4000
AMPERE
RATING
Melting
(A2s X 103)
MAX
CLEARING I2t
@ 150VAC
(A2s X 103)
0.49
0.53
0.72
1.0
1.3
1.7
1.9
2.4
2.9
4.1
5.1
6.4
15
18
20
25
34
46
58
40
46
72
90
160
160
202
250
422
640
1200
1400
Body Style
Type 4
Type 128
5.0
5.3
6.8
9.0
11
14
15
19
22
32
40
50
90
108
130
220
290
400
520
300
340
540
680
1200
1200
1500
1900
3200
4800
6500
8500
20
25
30
35
40
45
50
60
70
80
90
100
125
130
150
175
200
225
250
275
300
350
400
450
500
550
600
700
750
800
900
1000
1200
1500
1600
1800
2000
2500
3000
3500
4000
AMPERE
RATING
CLEARING I2t @ 150 VDC
L/R =10ms (A2s X 103)
0.07
0.11
0.15
0.20
0.27
0.33
0.45
0.66
1.4
1.8
2.2
2.5
3.5
3.7
4.7
6.3
7.7
9.8
11
13
15
22
28
35
63
76
91
150
200
280
360
210
240
380
470
840
840
1000
1300
2200
3400
5200
6800
Type 4
Type 128
I
2Data-150VDC ; L/R=10ms
200
175
150
125
100
75
1 - 60 AMP
TYPE 1, 2
20 - 4000 AMP
TYPE 4, 128
750 - 4000 AMP
TYPE 128
500 - 1000 AMP
TYPE 4
20 - 450 AMP
TYPE 4


Similar Part No. - A15QS25-2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A15 DBLECTRO-A15 Datasheet
233Kb / 1P
   LOW PROFILE HIGH DENSITY DIP PLUG
logo
List of Unclassifed Man...
A15 ETC2-A15 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
XP Power Limited
A15 XPPOWER-A15 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Advanced Power Electron...
A15 A-POWER-A15 Datasheet
107Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
CIT Relay & Switch
A15 CIT-A15 Datasheet
87Kb / 2P
   Switching capacity up to 20A
More results

Similar Description - A15QS25-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com