Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3DM-100KPDWSR Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # X3DM-100KPDWSR
Description  Pre-amplified/3V Excitation/Differential
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

X3DM-100KPDWSR Datasheet(HTML) 1 Page - Fujikura Ltd.

  X3DM-100KPDWSR Datasheet HTML 1Page - Fujikura Ltd. X3DM-100KPDWSR Datasheet HTML 2Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
. 3V excitation, Battery operation available
. Very small surface mountable package, Easy to mount on PCB
. Volt level output
. On-chip amplification and temperature compensations
. Pre-calibration of offset voltage and span
Applications
. Industrial instrumentation
. Pressure switch, Pneumatic device
. Medical device
Part number for ordering
X3DM - 050KP D S R
Pressure type
Differential pressure
Model
X3DM
Package configuration
Surface mount package
Measurable pressure range (kPa)
Part number for ordering
100
100
X3DM-100KPDWSR
0
50
X3DM-050KPDSR
0
100
X3DM-100KPDSR
0
200
X3DM-200KPDSR
0
1000
X3DM-001MPDSR
Model/Rated pressure
100KPDW
050KPD
100KPD
200KPD
001MPD
Unit
Recommended operating conditions
Pressure type
Differential pressure
Rated pressure
100
50
100
200
1000
kPa
1.020
0.510
1.020
2.040
10.20
kg/cm
2
Measurable pressure range
100
100
0
50
0
100
0
200
0
1000
kPa
Pressure media
Non-corrosive gas only
Excitation voltage
3.0
0.15
VDC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
1.5times of rated pressure
Maximum excitation voltage
6VDC
Operating temperature
10
80
Storage temperature
20
100
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics(Excitation voltage Vcc=3.0V constant, Ambient temperature Ta=25
)
Current consumption
less than 6
mA
Output impedance
less than 10
Source current
less than 0.1
mA
Sink current
less than 1
mA
Mechanical response time
2 (For the reference)
msec
Full scale span voltage
1.5
V
Offset voltage
1, 2
0.5
0.075
V
Full scale span voltage
1, 2
2.0
0.075
V
Accuracy
2
5.0
FS/0
50
Note ;
1) Output refers to pressure at pressure port 2.
2) Excluding input voltage error.
Pre-amplified/3V Excitation/Differential
X3DM Data sheet
Terminal leads direction (See Outline Diagram)
R:
Model
X3DM
Rated pressure (Pa)
Terminal leads configuration
S : Surface mount package
Pressure type
D
: Differential
DW : Differential (Bipolar pressure)
Specifications
1


Similar Part No. - X3DM-100KPDWSR

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3DC07E2 ANAREN-X3DC07E2 Datasheet
427Kb / 7P
   Doherty Combiner
X3DC07E2S ANAREN-X3DC07E2S Datasheet
426Kb / 6P
   Very Low Loss
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
   Tape and Reel
X3DC08E2 ANAREN-X3DC08E2 Datasheet
504Kb / 8P
   Doherty Combiner
X3DC08E2S ANAREN-X3DC08E2S Datasheet
504Kb / 8P
   Doherty Combiner
More results

Similar Description - X3DM-100KPDWSR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
X3PMC-050KPGR FUJIKURA-X3PMC-050KPGR Datasheet
152Kb / 4P
   Pre-amplified/3V Excitation/Gauge
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
X3AM-115KPASR FUJIKURA-X3AM-115KPASR Datasheet
239Kb / 4P
   Pre-amplified/3V Excitation/Absolute
XFDM-025KPDSR FUJIKURA-XFDM-025KPDSR Datasheet
308Kb / 5P
   Pre-amplified/5V Excitation/Differential
XFDM-025KPDSRH FUJIKURA-XFDM-025KPDSRH Datasheet
89Kb / 2P
   Pre-amplified/5V Excitation/Differential
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
XFPMC-025KPGRH FUJIKURA-XFPMC-025KPGRH Datasheet
160Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPMC-105KPAR FUJIKURA-XFPMC-105KPAR Datasheet
156Kb / 3P
   Pre-amplified/5V Excitation/Absolute
XFGMC-3025KPGSRH FUJIKURA-XFGMC-3025KPGSRH Datasheet
263Kb / 3P
   Pre-amplified/5V Excitation/Gauge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com