Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A30QS35-1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A30QS35-1
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A30QS35-1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A30QS35-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers A30QS35-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers A30QS35-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers A30QS35-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers A30QS35-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D 10
AMP-TRAP®–Form 101
A30QS
SEMICONDUCTOR PROTECTION FUSES
AMPERE
RATING
WATTS LOSS (W)
1
2
3
4
5
6
7
8
10
12
15
20
25
30
35
40
45
50
60
70
80
90
100
125
130
150
Type 1
Type 4
0.9
1.0
1.4
1.7
2.0
2.3
2.6
3.0
4.0
4.9
6.4
8.8
10.5
12.4
6.4
7.0
9.0
9.9
11.6
11
11
13
13
16
16
19
AMPERE
RATING
AMPERE
RATING
CLEARING I2t
(A2s X 103)
CLEARING I2t
(A2s X 103)
35
40
50
60
70
80
90
100
125
130
150
175
200
225
250
275
300
350
400
0.45
0.58
0.96
1.3
1.3
2.1
2.5
3.3
5.0
5.0
7.5
8.3
12
18
20
25
29
50
66
450
500
550
600
700
800
900
1000
1200
1500
1600
1800
2000
2500
3000
3500
4000
4500
100
130
150
190
200
260
300
360
710
1200
1400
1600
2100
3300
4300
5900
7700
9900
Clearing I2t at 300VDC, 100kA, L/R = 10ms
DC Voltage Capability vs. Circuit Time Constant (ms)
Watts loss vs. Percent Rated Current
Percent Rated Current
L/R Time Constant (ms)
Watts Loss at Rated Current
AMPERE
RATING
WATTS LOSS (W)
175
200
225
250
275
300
350
400
450
500
550
600
700
800
900
1000
1200
1500
1600
1800
2000
2500
3000
3500
4000
4500
Type 4
Type 128
27
30
33
41
44
47
49
56
53
59
65
69
90
108
73
84
94
105
110
140
150
170
190
230
340
380
450
500
TYPE 4, 128
TYPE 4, 128


Similar Part No. - A30QS35-1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A30 DBLECTRO-A30 Datasheet
269Kb / 1P
   SCA CONNECTOR IDC TYPE(MALE)
logo
XP Power Limited
A30 XPPOWER-A30 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mean Well Enterprises C...
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
   300W Modified Sine Wave DC-AC Power Inverter
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results

Similar Description - A30QS35-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com