Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1 Datasheet(PDF) 1 Page - Littelfuse

Part # FP1
Description  Style PCB Fuse Rated 32V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FP1 Datasheet(HTML) 1 Page - Littelfuse

  FP1 Datasheet HTML 1Page - Littelfuse FP1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blade Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse Automotive Circuit Protection Products
FP1 MINI® Style PCB Fuse Rated 32V
Specifications
LWS
UL 248 Special Purpose Fuses
cULus Recognized: File No. E211637
Insulating body: Out of thermoplastic (UL 94-V0, heat-resistant)
Cover:
Out of thermoplastic (V0, transparent),
Visible melting-element
Shunt: Red, not transparent
Connections:
Soldering pins
Copper alloy, gal. Sn
Breaking capacity:1,000 A, 32 VDC
The FP1 is a MINI style fuse for direct trough-hole pcb soldering.
The FP1 has similar performance characteristics as the standard
FK1 fuse.
FP1 ist eine Sicherung in MINI-Bauform für direkte
Leiterplattenmontage (Durchkontaktierung) mit ähnlichen
Leistungsmerkmalen wie die Standard-FK1-Sicherung.
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
110
100 h / –
135
750 ms / 1,800 s
200
150 ms / 5 s
350
40 ms / 500 ms
600
20 ms / 100 ms
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Housing Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
Standard DIN max.
Littelfuse max.
168.6585.410_
1 A
225 mV
135 mV
100 m
Ω
0.83 A²s
168.6585.420_
2 A
200 mV
110 mV
43.0 m
Ω
3.31 A²s
168.6585.430_
3 A
175 mV
110 mV
27.0 m
Ω
7.45 A²s
168.6585.440_
4 A
175 mV
110 mV
21.3 m
Ω
16.7 A²s
168.6585.450_
5 A
175 mV
105 mV
16.2 m
Ω
19.8 A²s
168.6585.475_
7.5 A
150 mV
100 mV
9.70 m
Ω
44.5 A²s
168.6585.510_
10 A
125 mV
110 mV
7.40 m
Ω
79.2 A²s
168.6585.515_
15 A
125 mV
105 mV
4.50 m
Ω
178 A²s
168.6585.520_
20 A
100 mV
3.10 m
Ω
331 A²s
168.6585.525_
25 A
105 mV
2.60 m
Ω
653 A²s
168.6585.530_
30 A
105 mV
1.90 m
Ω
1,264 A²s
160.6585.0002
Shunt
60 mV
1.35 m
Ω
1,800 A²s
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Corresponding holder see Section “Fuse Holders.”


Similar Part No. - FP1

ManufacturerPart #DatasheetDescription
logo
NEC
FP1 NEC-FP1 Datasheet
146Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Amphenol Corporation
FP10 AMPHENOL-FP10 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
TRIAD MAGNETICS
FP10-1200 TRIAD-FP10-1200 Datasheet
43Kb / 1P
   FP10-1200
FP10-1200 TRIAD-FP10-1200_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-2400 TRIAD-FP10-2400 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results

Similar Description - FP1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0498030M LITTELFUSE-0498030M Datasheet
146Kb / 2P
   Clear MIDI짰 Style Bolt-down Fuse Rated 32V
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
   MEGA Fuse Rated 32V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
   MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
   MAXI Blade Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
   MINI Blade Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
   ATOF??Blade Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
   MAXI Blade Fuse Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
   ATO짰 Blade Fuse Rated 32V
0257001 LITTELFUSE-0257001 Datasheet
178Kb / 2P
   ATO Blade Fuse Rated 32V
0298080ZXEH-UL LITTELFUSE-0298080ZXEH-UL Datasheet
922Kb / 2P
   UL Recognized Mega짰 Fuse Rated 32V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com