Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7OQS35-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A7OQS35-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A7OQS35-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A7OQS35-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A7OQS35-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A7OQS35-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A7OQS35-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D 32
®
AC: 35-800A
700VAC, 200kA I.R.
®
DC: 35-800A
700VDC, 100kA I.R.
L/R = 10ms
Ratings
A70QS Amp-trap® Semiconductor Protection fuses
were developed in response to the need for improved
overall performance of 700 volt semiconductor fuses
for new equipment requirements. A70QS fuses have
lower I2t for better protection, longer life when sub-
jected to cyclic loading, plus lower watts loss.
A70QS is the best choice to protect dynamic solid
state equipment such as motor drives, UPS, etc.
®
UL Recognized
Component, AC/DC
®
AC: Guide No. JFHR2
®
DC: Tested to UL
Standard 198L
Parameters (35-800A)
®
CSA Certified
File LR 12636
Approvals
HIGHLIGHTS:
®
700V AC/DC Rated
®
Very Low l
2t
®
Low Watts Loss
®
Superior Cycling
Ability
APPLICATIONS:
®
Protection of 700V or
less motor drives,
UPS, inverters, etc.
FUSE
FUSE BLOCK
AMPERE
CATALOG
RATING
NUMBER
35-200
P243C
225-600
P266A
700-800
15C 375
A 70 QS 150 - 4
Amp-trap
® Fuse
Rated Volts - 700
Style
Amperes*
Mounting Types*
Blades, bolt-in
* For ampere ratings and types not listed, consult the factory.
Catalog Numbering System
A
70
QS
150
4,4K
Single Pole Fuse Blocks for A70QS Fuses
Features / Benefits
® Very Low l2t for improved protection of equipment
® Superior cycling ability for long, reliable life on high
cyclic loading
® Low watts loss for cooler operation
® 700V AC/DC rating gives greater design versatility
® Ultra compact sizes allow down-sizing of existing
equipment
AMP-TRAP®–Form 101
A70QS
SEMICONDUCTOR PROTECTION FUSES


Similar Part No. - A7OQS35-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7OP1200-4 ETC2-A7OP1200-4 Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results

Similar Description - A7OQS35-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com