Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3PM-050KPGR Datasheet(PDF) 4 Page - Fujikura Ltd.

Part # X3PM-050KPGR
Description  Pre-amplified/3V Excitation/Gauge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

X3PM-050KPGR Datasheet(HTML) 4 Page - Fujikura Ltd.

  X3PM-050KPGR Datasheet HTML 1Page - Fujikura Ltd. X3PM-050KPGR Datasheet HTML 2Page - Fujikura Ltd. X3PM-050KPGR Datasheet HTML 3Page - Fujikura Ltd. X3PM-050KPGR Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vout
C1
C2
GND
Vout
GND
Vcc
Vcc(DC5V)
Vout=Vs
(P
+
)
(Pressure Error
Temperature Error Multiplier
Vs)
Vs=3.0volts
Notes ; The output voltage (Vout) is no perfect ratiometric with the power supply voltage.
P=Input Pressure(kPa)
Temperature Error Multiplier=1
Note ; Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us.
Sensor Engineering Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
Fax. +81-(0)3-5606-1538
E-mail : sensor@fujikura.co.jp
X3PM, X3HM
Pre-amplified/3V Excitation/Gauge
X3PM,X3HM Data sheet
Model
pressure range
Pressure Error(kPa)
050KPG(D)
0
50kPa
0.01
0.1667
2.5
100KPG(D)
0
100kPa
0.005
0.1667
5.0
100KPGV(DV)
0
100kPa
0.005
0.1667
5.0
100KPGW(DW)
100
+100kPa
0.0025
0.4167
10.0
200KPG(D)
0
200kPa
0.0025
0.1667
10.0
001MPG(D)
0
1MPa
0.0005
0.1667
50.0
115KPA
15
115kPa.abs
0.005
0.09167
5.0
Connection diagram
Remarks :
1) C1 : Connect 680pF capacitor within 2cm distance from leads.
2) C2 : Connect 0.01 F or more capacitor within 2cm distance from
leads.
3) 4 and 5 pins must be No Connection. Open them as floating ones
completely, and do NOT connect to other line or each other.
Transfer Function
4


Similar Part No. - X3PM-050KPGR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
X3PM-115KPA FUJIKURA-X3PM-115KPA Datasheet
239Kb / 4P
   Pre-amplified/3V Excitation/Absolute
X3PM-115KPAR FUJIKURA-X3PM-115KPAR Datasheet
239Kb / 4P
   Pre-amplified/3V Excitation/Absolute
More results

Similar Description - X3PM-050KPGR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
XFPMC-025KPGRH FUJIKURA-XFPMC-025KPGRH Datasheet
160Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGMC-3025KPGSRH FUJIKURA-XFGMC-3025KPGSRH Datasheet
263Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFPM-050KPGR-P1 FUJIKURA-XFPM-050KPGR-P1 Datasheet
163Kb / 3P
   Pre-amplified/5V Excitation/Gauge
X3DM-050KPDSR FUJIKURA-X3DM-050KPDSR Datasheet
94Kb / 2P
   Pre-amplified/3V Excitation/Differential
X3AM-115KPASR FUJIKURA-X3AM-115KPASR Datasheet
239Kb / 4P
   Pre-amplified/3V Excitation/Absolute
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR Datasheet
227Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFHM-025KPGR FUJIKURA-XFHM-025KPGR Datasheet
341Kb / 4P
   Pre-amplified/5V Excitation/Gauge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com