Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25X200-4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A25X200-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A25X200-4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A25X200-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A25X200-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A25X200-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A25X200-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers A25X200-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AMPERE
WATTS
AMPERE
WATTS
AMPERE
WATTS
RATING
LOSS (w)
RATING
LOSS (w)
RATING
LOSS (w)
70
4.4
250
19
1000
57
80
5.1
300
22
1200
70
90
5.5
350
26
1500
88
100
6.5
400
30
2000
122
125
7.6
450
32
2500
142
150
9.3
500
37
3000
164
175
11
600
45
3500
191
200
13
700
55
4000
198
225
15
800
51
4500
211
5000
228
Watts Loss at Rated Current
Percent Rated Current
Watts Loss Correction vs. Percent Rated Current
I
2t Data – 250 Volts AC
I
2t DATA
FUSE
CLEARING AT 250V
AMPERE
MELTING
1 FUSE
2 FUSES IN
RATING
(FIG. A)
SERIES (FIG. B)
(A
2s)
(A
2s)
(A
2s)
1
.033
.27
.18
2
.17
1.5
.98
3
.32
3.8
2.5
4
.85
6.9
4.6
5
1.3
8.7
5.8
6
1.9
9.6
6.4
7
2.7
13
8.4
8
5.0
24
16
9
8.6
31
21
10
13
39
26
12
18
54
36
15
20
60
40
20
36
110
72
25
56
170
110
30
81
240
160
35
95
540
380
40
120
690
460
50
190
960
640
60
280
1,400
960
70
420
3,500
2,100
80
550
4,600
2,300
90
700
5,800
2,500
100
860
7,200
3,000
125
1,300
11,000
4,100
150
2,000
16,000
6,000
175
2,600
22,000
8,000
200
3,400
29,000
11,000
225
4,300
36,000
13,000
250
5,400
45,000
16,000
300
7,700
65,000
24,000
350
11,000
88,000
32,000
400
14,000
110,000
42,000
450
18,000
140,000
53,000
500
22,000
180,000
66,000
600
31,000
260,000
95,000
700
42,000
350,000
130,000
800
55,000
460,000
170,000
1,000
86,000
720,000
260,000
1,200
125,000
1,000,000
380,000
1,500
200,000
1,600,000
600,000
1,600
220,000
1,800,000
680,000
2,000
350,000
2,900,000
1,100,000
2,500
550,000
4,500,000
1,600,000
Load
250 VAC
Fault
Fig. A
Load
250 VAC
Fault
Fig. B
AMP-TRAP
®–Form 101
A25X
SEMICONDUCTOR PROTECTION FUSES
D 10


Similar Part No. - A25X200-4

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A25xxE24C ANAREN-A25xxE24C Datasheet
165Kb / 1P
   Anaren Integrated Radio
A25xxR24C ANAREN-A25xxR24C Datasheet
165Kb / 1P
   Anaren Integrated Radio
More results

Similar Description - A25X200-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com