Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8701P Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # L8701P
Description  SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

L8701P Datasheet(HTML) 2 Page - Polyfet RF Devices

  L8701P Datasheet HTML 1Page - Polyfet RF Devices L8701P Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L1B 1 DIE ID, GM vs VG
0.1
1
10
0
2
4
6
8
10
12
14
Vgs in Volts
ID
GM
L1B 1DIE CAPACITANCE
1
10
100
0
5
10
15
20
25
30
VDS IN VOLTS
Coss
Ciss
Crss
L8701P Pin vs Pout Freq=500MHz,
Vds=28Vdc, Idq=.4A
0
9
18
27
36
45
0
0.5
1
1.5
2
2.5
3
Pin in Watts
11
12
13
14
15
16
17
18
19
20
Pout
Gain
Efficiency @30 watts = 55%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
L8701P
L1B 1 DIE IV
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
VDSINVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION
12/12/2001
Tolerance .XX +/-0.01
.XXX +/-.005 inches


Similar Part No. - L8701P

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L8701PR POLYFET-L8701PR Datasheet
76Kb / 3P
   SILICON GATE ENHANCEMENT MODE
L8701P POLYFET-L8701P_14 Datasheet
53Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - L8701P

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L225 POLYFET-L225 Datasheet
38Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P Datasheet
40Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LK701 POLYFET-LK701 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX723 POLYFET-LX723 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LY402 POLYFET-LY402 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LR301 POLYFET-LR301 Datasheet
45Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LC821 POLYFET-LC821 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821 Datasheet
35Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com