Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-97E1R50 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-97E1R50
Description  Small Optical Encoder Modules 200 LPI Analog Voltage Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-97E1R50 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-97E1R50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-97E1R50 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image

Absolute Maximum Ratings
Subjecting the part to stresses beyond those listed under this section may cause permanent damage to the device.
These are stress ratings only and do not imply that the device functions beyond these ratings. Exposure to the
extremes of these conditions for extended periods may affect device reliability.
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
85
°C
Operating Temperature
TA
0
60
°C
Supply voltage (Detector)
VCC
-0.5
7
V
Output Voltage
Va , Vb
-0.5
VCC + 0.4
V
Soldering Temperature
260
°C
t ≤ 7 sec
DC Forward current (LED)
ILED
50
mA
VF < .8V
Reverse Voltage
VR
5
V
IR = 00uA
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Operating Temperature
T
0
25
60
°C
Supply Voltage (Detector)
VCC
.5
.
.45
V
Ripple < 00mVpp
Output Frequency
f
8
40
KHz
(Velocity (rpm) x N)/60
DC Forward Current (LED)
ILED
26
mA
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range, typically at 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current (Detector)
ICC
5
8
mA
LED Forward Voltage
VF
. (turn on)
.5 (operate)
.44
.54
V
Typical If = 24mA
Encoding Characteristics
Parameter
Symbol
Min (b)
Max (b)
Units
State width error
DS
-40
+40
°e
Pulse width error
DP
-40
+40
°e
Peak to Peak voltage
VppA
VppB


V
Analog offset voltage
Voffset A
Voffset B
-50
50
mV
Notes:
(a) Obtained at typical conditions specified in “Recommended Operating Conditions” and nominal mounting position (Radial, Tangential, Gap) of
(0,0, 0)
(b) Obtained over the whole “Recommended Operating Conditions” and “Part Mounting Tolerances”


Similar Part No. - HEDS-97E1R50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9700 HP-HEDS-9700 Datasheet
430Kb / 11P
   2 CHANNEL ENCODER MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
logo
Agilent(Hewlett-Packard...
HEDS-9701 HP-HEDS-9701 Datasheet
430Kb / 11P
   2 CHANNEL ENCODER MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
More results

Similar Description - HEDS-97E1R50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9202 AVAGO-HEDS-9202 Datasheet
710Kb / 7P
   Two Channel Optical Incremental Encoder Modules 200 LPI Analog Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com