Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3HM-100KPGR Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # X3HM-100KPGR
Description  Pre-amplified/3V Excitation/Gauge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

X3HM-100KPGR Datasheet(HTML) 1 Page - Fujikura Ltd.

  X3HM-100KPGR Datasheet HTML 1Page - Fujikura Ltd. X3HM-100KPGR Datasheet HTML 2Page - Fujikura Ltd. X3HM-100KPGR Datasheet HTML 3Page - Fujikura Ltd. X3HM-100KPGR Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
. 3V excitation, Battery operation available
. Volt level output
. On-chip amplification and temperature compensations
. Pre-calibration of offset voltage and span
. Non-corrosive liquid measurable (X3PMC, X3HMC only)
Applications
. Industrial instrumentation
. Pressure switch, Pneumatic device
. Medical device
Part number for ordering
X3PM C - 050KP G R
Pressure type
Gauge pressure
Model
X3PM
X3HM
Package configuration
Dual-In-line-Package (DIP)
Horizontal pressure port DIP
Measurable pressure range (kPa)
Part number for ordering
100
100
X3PM-100KPGW
X3PM-100KPGWR
X3HM-100KPGWR
0
100
X3PM-100KPGV
X3PM-100KPGVR
X3HM-100KPGVR
0
50
X3PM-050KPG
X3PM-050KPGR
X3HM-050KPGR
0
100
X3PM-100KPG
X3PM-100KPGR
X3HM-100KPGR
0
200
X3PM-200KPG
X3PM-200KPGR
X3HM-200KPGR
0
1000
X3PM-001MPG
X3PM-001MPGR
X3HM-001MPGR
Model/Rated pressure
100KPGW
100KPGV
050KPG
100KPG
200KPG
001MPG
Unit
Recommended operating conditions
Pressure type
Gauge pressure
Rated pressure
100
100
50
100
200
1000
kPa
1.020
1.020
0.510
1.020
2.040
10.20
kg/cm
2
Measurable pressure range
100 100
0
100
0
50
0
100
0
200
0
1000
kPa
Pressure media
1
XFPM, XFHM : Non-corrosive gas only, XFPMC, XFHMC : Non-corrosive gas and liquid
Excitation voltage
3.0
0.15
VDC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
1.5times of rated pressure
Maximum excitation voltage
6VDC
Operating temperature
10
80
Storage temperature
20
100
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics (Excitation voltage Vcc=3.0V constant, Ambient temperature Ta=25
)
Current consumption
less than 6
mA
Output impedance
less than 10
Source current
less than 0.1
mA
Sink current
less than 1.0
mA
Mechanical response time
2 (For the reference)
msec
Full scale span voltage
1.5
V
Offset voltage
1.2
0.5
0.075
V
Full scale span voltage
1.2
2.0
0.075
V
Accuracy
1.2
5.0
FS/0
50
Note ;
1) Please consult us available when you choose the C models.
2) Excluding input voltage error.
Pre-amplified/3V Excitation/Gauge
X3PM,X3HM Data sheet
Terminal leads direction(See Outline Diagram)
No mark :
R:
Model
X3PM
X3HM
Rated pressure (Pa)
Pressure type
G
: Gauge (Positive pressure)
GV : Gauge (Negative pressure)
GW : Gauge (Bipolar pressure)
Available pressure media
No mark : Non-corrosive gas only
C : Non-corrosive gas and liquid
(Contact us about availability)
Specifications
1


Similar Description - X3HM-100KPGR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
XFPMC-025KPGRH FUJIKURA-XFPMC-025KPGRH Datasheet
160Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGMC-3025KPGSRH FUJIKURA-XFGMC-3025KPGSRH Datasheet
263Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFPM-050KPGR-P1 FUJIKURA-XFPM-050KPGR-P1 Datasheet
163Kb / 3P
   Pre-amplified/5V Excitation/Gauge
X3DM-050KPDSR FUJIKURA-X3DM-050KPDSR Datasheet
94Kb / 2P
   Pre-amplified/3V Excitation/Differential
X3AM-115KPASR FUJIKURA-X3AM-115KPASR Datasheet
239Kb / 4P
   Pre-amplified/3V Excitation/Absolute
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR Datasheet
227Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFHM-025KPGR FUJIKURA-XFHM-025KPGR Datasheet
341Kb / 4P
   Pre-amplified/5V Excitation/Gauge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com