Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-QXB2-FXXXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QXB2-FXXXX
Description  Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QXB2-FXXXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QXB2-FXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QXB2-FXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASMT-QxB2-Fxxxx
Super 0.5W Power PLCC-4 Surface Mount LED Indicator
Data Sheet
Description
The Super 0.5 W Power PLCC-4 SMT LED is an extension
of Power PLCC-4 SMT LEDs. The package can be driven
at high current due to its superior package design. The
product is able to dissipate the heat more efficiently
compared to the Power PLCC-4 SMT LEDs. These LEDs
produce higher light output with better flux perfor-
mance compared to the Power PLCC-4 SMT LED.
The Super 0.5 W Power PLCC-4 SMT LEDs are designed
for higher reliability, better performance, and operate
under a wide range of environmental conditions. The
performance characteristics of these new mid-power
LEDs make them uniquely suitable for use in harsh
conditions such as in automotive applications, and in
electronics signs and signals.
To facilitate easy pick and place assembly, the LEDs are
packed in EIA-compliant tape and reel. Every reel is
shipped in single intensity and color bin (except for red),
to provide close uniformity. These LEDs are compatible
with the IR solder reflow process. Due to the high
reliability feature of these products, they also can be
mounted using through-the-wave soldering process.
Super 0.5 W Power PLCC-4 SMT LED is available in red, red
orange and amber colors.
Features
• Industry Standard PLCC 4 platform (3.2 x 2.8 x 1.9 mm)
• High reliability LED package due to enhanced silicone
resin material
• Mid-power intensity brightness with optimum flux
performance using AllnGaP chip technologies
• Available in Red, Red Orange and Amber colors
• High optical efficiency
• Available in 8 mm carrier tape and 7 inch reel
• Low thermal resistance
• Super wide viewing angle at 120 degrees
• Longer life time with minimum degradation due to
enhanced Silicone resin material
• JEDEC MSL 2a
Applications
1. Exterior automotive
• Turn signals
• Side repeaters
• CHSML
• Rear combination lamp
• Side markers
• Truck clearance lamp
2. Electronic signs and signals
• Channel lettering
• Contour lighting
• Indoor variable message sign
3. Office automation, home appliances, industrial
equipment
• Front panel backlighting
• Push button backlighting
• Display backlighting
CAUTION: ASMT-QxB2-Fxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precautions
during handling and processing. Refer to Avago Application Note AN-1142 for additional details.


Similar Part No. - ASMT-QXB2-FXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NXXXE AVAGO-ASMT-QBBC-NXXXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NXXXX AVAGO-ASMT-QBBC-NXXXX Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB0-0AA02 AVAGO-ASMT-QTB0-0AA02 Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
More results

Similar Description - ASMT-QXB2-FXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com