Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7OQS250-4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A7OQS250-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A7OQS250-4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A7OQS250-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A7OQS250-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A7OQS250-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A7OQS250-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D 35
L/R Time Constant (ms)
DC Voltage Capability vs. Time Constant
Percent Rated Current
Watts Loss vs. % Rated Current
AMPERE
WATTS
AMPERE
WATTS
RATING
LOSS (w)
RATING
LOSS (w)
35
6.2
200
41
40
7.5
225
37
50
9.8
250
42
60
12
300
53
70
15
350
64
80
18
400
75
90
20
450
78
100
24
500
92
125
22
600
116
150
29
700
125
175
35
800
143
Watts Loss at Rated Current
AMPERE
CLEARING I
2t
RATING
(A
2sx103)
35
0.25
40
0.35
50
0.60
70
1.3
80
1.8
90
2.4
100
3.1
125
5.3
150
8.1
175
12
200
16
225
21.5
250
27.5
300
42
350
63
400
85
450
115
500
150
600
201
700
325
800
450
Clearing I
2t at 700V DC,
100kA, L/R = 10 ms
Circuit Voltage (Volts RMS)
AMP-TRAP®–Form 101
A70QS
SEMICONDUCTOR PROTECTION FUSES
D


Similar Part No. - A7OQS250-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7OP1200-4 ETC2-A7OP1200-4 Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results

Similar Description - A7OQS250-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com