Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A15QS450-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A15QS450-4
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A15QS450-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A15QS450-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers A15QS450-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers A15QS450-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers A15QS450-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers A15QS450-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D 2
AMP-TRAP®–Form 101
A15QS
SEMICONDUCTOR PROTECTION FUSES
®
AC: 1-6000A
150VAC, 100kA I.R.
®
DC: 1-6000A
150VDC, 100kA I.R.
Ratings
Features / Benefits
® Low l2t minimizes damage to protected components on
short circuit
® Controlled arc voltage reduces stress to circuit
components during fuse clearing
® Choice of mounting types provides options for unique
termination requirements
A15QS Amp-trap® Form 101 Semiconductor
Protection fuses were designed for the specific
protection of diodes and other semiconductor
devices rated 150VAC/DC.
The A15QS product line’s compact design is perfect
for those applications that have limitations on avail-
able space.
®
UL Recognized
Component
®
AC: UL Guide No.
JFHR2 (1-4000A)
®
DC Tested to UL
Standard 198L
parameters (1-4000A)
Approvals
HIGHLIGHTS:
®
Fast Acting
®
Current Limiting
®
Low l
2t
®
Indicator Options
Available
APPLICATIONS:
®
Protection of heavy
duty devices such
as electrochemical
rectifiers
A 15 QS 400 - 4 TI
Amp-trap
® Fuse
Rated Volts - 250
Style
Amperes*
Mounting Types*
Ferrule
Ferrule, midget dims.
(1-1/2" x 13/32")
Blades, bolt-in
Hockey puck, bolt-in
Integral Blown-Fuse
Indicator
Trigger Indicator
Trigger Actuator
* For ampere ratings and types not listed, consult the factory.
** For harsh duty appllications, refer to the A13X product family. Consult
the factory or OEM Central web site for A13X application information.
Http://www.ferrazshawmut.com/oem
Catalog Numbering System
A
15
QS
400
1
2
4
128
TI
IL
FUSE
FUSE BLOCK
AMPERE
CATALOG
RATING
NUMBER
1-30
30311
31-60
U71006
61-100
P243D
101-200
P243D
201-450
P243D
500-600
P243G
Single Pole Fuse Blocks for A15QS Fuses


Similar Part No. - A15QS450-4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A15 DBLECTRO-A15 Datasheet
233Kb / 1P
   LOW PROFILE HIGH DENSITY DIP PLUG
logo
List of Unclassifed Man...
A15 ETC2-A15 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
XP Power Limited
A15 XPPOWER-A15 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Advanced Power Electron...
A15 A-POWER-A15 Datasheet
107Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
CIT Relay & Switch
A15 CIT-A15 Datasheet
87Kb / 2P
   Switching capacity up to 20A
More results

Similar Description - A15QS450-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com