Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFHM-100KPGVR Datasheet(PDF) 1 Page - Fujikura Ltd.

Part # XFHM-100KPGVR
Description  Pre-amplified/5V Excitation/Gauge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJIKURA [Fujikura Ltd.]
Direct Link  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

XFHM-100KPGVR Datasheet(HTML) 1 Page - Fujikura Ltd.

  XFHM-100KPGVR Datasheet HTML 1Page - Fujikura Ltd. XFHM-100KPGVR Datasheet HTML 2Page - Fujikura Ltd. XFHM-100KPGVR Datasheet HTML 3Page - Fujikura Ltd. XFHM-100KPGVR Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
. Two accuracy ranks, 1.5 FS and 2.5 FS available
. Volt level output
. On-chip amplification and temperature compensations
. Pre-calibration of offset voltage and span
. Non-corrosive liquid measurable (XFPMC, XFHMC only)
Applications
. Industrial instrumentation
. Pressure switch, Pneumatic device
. Medical device
Part number for ordering
XFPM C - 025KP G R H
Pressure type
Gauge pressure
Model
XFPM
XFHM
Package configuration
Dual-In-line-Package (DIP)
Horizontal pressure port DIP
Measurable pressure range (kPa)
Part number for ordering
100
100
XFPM-100KPGW
XFPM-100KPGWR
XFHM-100KPGWR
0
100
XFPM-100KPGV
XFPM-100KPGVR
XFHM-100KPGVR
0
25
XFPM-025KPG
XFPM-025KPGR
XFHM-025KPGR
0
50
XFPM-050KPG
XFPM-050KPGR
XFHM-050KPGR
0
100
XFPM-100KPG
XFPM-100KPGR
XFHM-100KPGR
0
200
XFPM-200KPG
XFPM-200KPGR
XFHM-200KPGR
0
1000
XFPM-001MPG
XFPM-001MPGR
XFHM-001MPGR
Model/Rated pressure
100KPGW
100KPGV
025KPG
050KPG
100KPG
200KPG
001MPG
Unit
Recommended operating conditions
Pressure type
Gauge pressure
Rated pressure
100
100
25
50
100
200
1000
kPa
1.020
1.020
0.255
0.510
1.020
2.040
10.20
kg/cm
2
Measurable pressure range
100
100
0
100
0
25
0
50
0
100
0
200
0
1000
kPa
Pressure media
1
XFPM, XFHM : Non-corrosive gas only, XFPMC, XFHMC : Non-corrosive gas and liquid
Excitation voltage
5.0
0.25
VDC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
1.5times of rated pressure
Maximum excitation voltage
8VDC
Operating temperature
40
125
Storage temperature
40
125
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics(Excitation voltage Vcc=5.0V constant, Ambient temperature Ta=25
)
Current consumption
less than 10
mA
Output impedance
less than 10
Source current
less than 0.2
mA
Sink current
less than 2
mA
Mechanical response time
2 (For the reference)
msec
Full scale span voltage
4.5
V
Offset voltage
1.2
0.2
0.1125, 0.2
0.0675(H)
V
Full scale span voltage
1.2
4.7
0.1125, 4.7
0.0675(H)
V
Accuracy
1.2
2.5,
1.5(H)
FS/0
85
Note ;
1) Please consult us available when you choose the C models and the H models.
2) Excluding input voltage error.
Pre-amplified/5V Excitation/Gauge
XFPM,XFHM Data sheet
Accuracy
No mark :
2.5
FS
H:
1.5
FS
(Contact us about availability)
Rated pressure (Pa)
Model
XFPM
XFHM
Available pressure media
No mark : Non-corrosive gas only
C : Non-corrosive gas and liquid
(Contact us about availability)
Terminal leads direction
(See Outline Diagram)
No mark :
R:
Pressure type
G
: Gauge (Positive pressure)
GV : Gauge (Negative pressure)
GW : Gauge (Bipolar pressure)
Specifications
1


Similar Part No. - XFHM-100KPGVR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFHM-100KPGVR FUJIKURA-XFHM-100KPGVR Datasheet
341Kb / 4P
   Pre-amplified/5V Excitation/Gauge
More results

Similar Description - XFHM-100KPGVR

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR_11 Datasheet
277Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
   Pre-amplified/5V Excitation/Gauge
XFGMC-3025KPGSRH FUJIKURA-XFGMC-3025KPGSRH Datasheet
263Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFPM-050KPGR-P1 FUJIKURA-XFPM-050KPGR-P1 Datasheet
163Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFGN-6025KPGSR FUJIKURA-XFGN-6025KPGSR Datasheet
227Kb / 3P
   Pre-amplified/5V Excitation/Gauge
XFHM-025KPGR FUJIKURA-XFHM-025KPGR Datasheet
341Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPM-025KPGR FUJIKURA-XFPM-025KPGR Datasheet
447Kb / 4P
   Pre-amplified/5V Excitation/Gauge
XFPN-025KPGR FUJIKURA-XFPN-025KPGR Datasheet
356Kb / 4P
   Pre-amplified/5V Excitation/Gauge
X3PMC-050KPGR FUJIKURA-X3PMC-050KPGR Datasheet
152Kb / 4P
   Pre-amplified/3V Excitation/Gauge
X3GMC-3050KPGSR FUJIKURA-X3GMC-3050KPGSR Datasheet
269Kb / 3P
   Pre-amplified/3V Excitation/Gauge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com