Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A70P200-4TA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A70P200-4TA
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A70P200-4TA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A70P200-4TA Datasheet HTML 1Page - List of Unclassifed Manufacturers A70P200-4TA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D 36
A70P Amp-trap® Form 101 Semiconductor Protection
fuses were developed for higher voltage AC and DC
drives, UPS systems, reduced voltage motor starters
and similar applications where lower l
2t and superior
reliability were needed. A70P is a very popular fuse,
available in a wide range of ratings. Typically used for
replacement.
FUSE
FUSE BLOCK
AMPERE
CATALOG
RATING
NUMBER
10-30 (Type 1)
70316
31-60
P243C
61-100
P243C
101-200
P266A
201-400
P266A
401-600
P266F
601-800
1SC375
Single Pole Fuse Blocks for A70P Fuses
A 70 P 300 - 4 TI
Amp-trap
® Fuse
Rated Volts - 700
Style
(Faster acting, lower l
2t than X)
Amperes*
Mounting Types*
Ferrule
Blades, bolt-in
Hockey puck, bolt-in
Integral Blown-Fuse
Indicator
Trigger Indicator
Trigger Actuator
* For ampere ratings and types not listed, consult the factory.
Catalog Numbering System
A
70
P
300
1
4
128
TI
TA
Features / Benefits
® Low l2t minimizes damage to protected components on
short circuit
® Controlled arc voltage reduces stress to circuit
components during fuse clearing
® Choice of mounting types helps in equipment design
HIGHLIGHTS:
®
Very Fast Acting
®
Current Limiting
®
Low l
2t
®
Indicator Options
Available
APPLICATIONS:
®
Protection of 700V
or less DC drives, UPS,
inverters, reduced
voltage starters, etc.
AMP-TRAP®–Form 101
A70P
SEMICONDUCTOR PROTECTION FUSES
®
AC: 10-1000A
700VAC, 100kA I.R.
®
DC: 10-800A
650VDC, 100kA I.R.
L/R=10ms
Ratings
®
UL Recognized
Component
®
AC: Guide No. JFHR2
(10-1000A)
®
DC: Tested to UL
Standard 198L
parameters (10-800A)
Approvals
*Contact technical services for application data.


Similar Part No. - A70P200-4TA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
A70 MACOM-A70 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70 MA-COM-A70 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Dialight Corporation
A70-000627 DIALIGHT-A70-000627 Datasheet
115Kb / 1P
   RECESSED CEILING MOUNT -- WPA MAIN BODY
A70-000627-BK DIALIGHT-A70-000627-BK Datasheet
115Kb / 1P
   RECESSED CEILING MOUNT -- WPA MAIN BODY
More results

Similar Description - A70P200-4TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com